Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8120ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8120ACPZ-R2
Description  Triple Skew-Compensating Video Delay Line with Analog and Digital Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8120ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8120ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8120
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VS = ±5 V, RL = 150 Ω, 10% to 90% input rise/fall time (tR/tF) = 4 ns, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DELAY CHARACTERISTICS
Total Adjustable Delay Range
Delay Code 63 to Delay Code 0
50
ns
Delay Resolution
Monotonic, 1 LSB
0.8
ns
Propagation Delay
Delay = 0 ns
4.9
ns
Channel-to-Channel Delay Error
All channels at maximum delay
0.4
ns
DYNAMIC PERFORMANCE
−3 dB Video Signal Bandwidth
VOUT = 1.4 V p-p, delay = 0 ns
200
MHz
VOUT = 1.4 V p-p, delay = 50 ns
150
MHz
−3 dB Small-Signal Bandwidth
VOUT = 0.2 V p-p, delay = 0 ns
165
MHz
VOUT = 0.2 V p-p, delay = 50 ns
140
MHz
0.1 dB Video Signal Flatness
VOUT = 1.4 V p-p, delay = 0 ns
27
MHz
VOUT = 1.4 V p-p, delay = 50 ns
35
MHz
10% to 90% Rise/Fall Time
VOUT = 1.4 V step, delay = 0 ns
2.5/3
ns
VOUT = 1.4 V step, delay = 50 ns
3/4.2
ns
Settling Time to 1%
VOUT = 1.4 V step, delay = 0 ns
8
ns
VOUT = 1.4 V step, delay = 50 ns
18
ns
Slew Rate
VOUT = 1.4 V step, delay = 0 ns, rising edge
550
V/μs
VOUT = 1.4 V step, delay = 0 ns, falling edge
540
V/μs
VOUT = 1.4 V step, delay = 50 ns, rising edge
510
V/μs
VOUT = 1.4 V step, delay = 50 ns, falling edge
360
V/μs
Overshoot
VOUT = 1.4 V step, delay = 0 ns
1
%
VOUT = 1.4 V step, delay = 50 ns
20
%
Gain
0 ns to 50 ns delay
1.95
2.01
2.06
V/V
Channel-to-Channel Gain Matching
Over all codes, among all channels
0.8
3
%
Hostile Crosstalk
Measured on G with R and B driven at 1 MHz,
VOUT = 1.4 V p-p, delay = 0 ns
−80
dB
VIDEO INPUT CHARACTERISTICS
RIN, GIN, BIN
Input Bias Current
0.8
1.5
μA
Input Capacitance
1
pF
Input Resistance
500
VIDEO OUTPUT CHARACTERISTICS
ROUT, GOUT, BOUT
Output Voltage Swing
±3.25
V
Output Current
50
mA
Integrated Output Noise
100 kHz to 160 MHz
Delay = 0 ns
1
mV rms
Delay = 50 ns
4
mV rms
Output Offset Voltage (RTI)
Over all codes
−30
0
+30
mV
Channel-to-Channel Output Offset Voltage
Matching (RTI)
Over all codes, among all channels
30
mV
Output Impedance
PD high, at 20 MHz
1.5
Ω
ANALOG CONTROL INPUT CHARACTERISTICS
Input Bias Current
VCR, VCG, VCB
1
μA
Operating Range
VCR, VCG, VCB
0
2
V
Delay Voltage Step Size in Linear Range
ΔVCR, ΔVCG, ΔVCB to move one delay LSB
28
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com