Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8120ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8120ACPZ-R2
Description  Triple Skew-Compensating Video Delay Line with Analog and Digital Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8120ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8120ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8120
Rev. 0 | Page 8 of 16
0
–30
–20
–10
–50
–40
–60
–70
–80
–90
–100
0.3
1
10
100
1k
FREQUENCY (MHz)
DELAY CODE = 63
DELAY CODE = 0
DRIVING R AND B SIMULTANEOUSLY
MEASURING G
Figure 10. Crosstalk on Green Channel vs. Frequency,
VOUT = 1.4 V p-p
10
100
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
10k
1k
100
10
DELAY CODE = 63
DELAY CODE = 0
Figure 11. Output Voltage Noise Density vs. Frequency
5
4
3
2
1
0
0
4
8 1216 20 24283236 4044 48 5256 60 64
DELAY CODE
TYPICAL RISE TIME
TYPICAL FALL TIME
Figure 12. 10% to 90% Rise/Fall Time vs. Delay Code,
VOUT = 1.4 V p-p, VIN Rise/Fall = 2 ns
20
10
0
–10
–20
–30
–40
–50
0.3
1
10
100
1k
FREQUENCY (MHz)
VS+ PSRR AT DELAY CODE 0
VS+ PSRR AT DELAY CODE 63
VS– PSRR AT DELAY CODE 0
VS– PSRR AT DELAY CODE 63
Figure 13. PSRR vs. Frequency
5
4
3
2
1
0
0
DELAY CODE
4
8 12 16 20 24 28 32 36 40 44 48 52 56 60 64
Figure 14. Integrated Output Voltage Noise vs. Delay Code,
100 kHz to 160 MHz
160
140
120
100
80
60
40
20
0
–40 –30 –20 –10
0
10
20
30
40
50
60 70
80
90
TEMPERATURE (°C)
VS+, RGB DELAY CODE 63
VS+, RGB DELAY CODE 0
VS+, DISABLED
VS+, RG DELAY CODE 63, B DELAY CODE 0
VS+, R DELAY CODE 63, GB DELAY CODE 0
Figure 15. Quiescent Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com