Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8120ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8120ACPZ-R2
Description  Triple Skew-Compensating Video Delay Line with Analog and Digital Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8120ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8120ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8120
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. DNC = DO NOT CONNECT.
2. EXPOSED PAD ON UNDERSIDE OF DEVICE
MUST BE CONNECTED TO PCB PLANE.
24 GND
23 VCR
22 VCG
21 VCB
20 VREF
19 DNC
18 GND
17 VS+
1
2
3
4
5
6
7
8
GND
SDO/SDA
DNC
DNC
PD
SER_SEL
MODE
GND
R
d
G
d
B
d
AD8120
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 10, 12, 14,
18, 24, 32
GND
Ground.
2
SDO/SDA
Serial Data Output for SPI Bus/Bidirectional Serial Data Line for I2C Bus.
3, 4, 19
DNC
Do Not Connect.
5
PD
Power-Down.
6
SER_SEL
Selection of SPI Serial Bus or I2C Serial Bus (I2C = 0, SPI = 1).
7
MODE
Selection of Analog Control Mode or Digital Control Mode (Digital = 0, Analog = 1).
9
VS−
Negative Power Supply. Connect to −5 V.
11
BOUT
Blue Channel Video Output.
13
GOUT
Green Channel Video Output.
15
ROUT
Red Channel Video Output.
16, 17, 25
VS+
Positive Power Supply. Connect to +5 V.
20
VREF
Internal Reference Bypass. Connect a 0.01 μF capacitor between this pin and GND.
21
VCB
Analog Delay Control Voltage, Blue Channel.
22
VCG
Analog Delay Control Voltage, Green Channel.
23
VCR
Analog Delay Control Voltage, Red Channel.
26
RIN
Red Channel Video Input.
27
GIN
Green Channel Video Input.
28
BIN
Blue Channel Video Input.
29
SDI/A1
Serial Data Input for SPI Bus/I2C Address Bit 1.
30
SCK/SCL
Serial Clock for SPI Bus/Serial Clock for I2C Bus.
31
CS/A0
Chip Select for SPI Bus/I2C Address Bit 0.
Exposed Pad
EP
Thermal Plane Connection. Connect the exposed pad on the underside of the AD8120 to any PCB
plane with voltage between VS+ and VS−.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com