Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8120ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8120ACPZ-R2
Description  Triple Skew-Compensating Video Delay Line with Analog and Digital Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8120ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8120ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8120ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8120
Rev. 0 | Page 10 of 16
ANALOG CONTROL
A number of video transmission systems do not have a microcon-
troller embedded or otherwise available to provide digital control.
These systems require analog control. Potentiometer control is
one of the most common ways to implement analog control (see
Figure 25). To select analog control, set the MODE pin high.
The AD8120 has one analog control input for each channel: VCR,
VCG, and VCB. The maximum recommended control voltage range
on these inputs is 0 V to 2.0 V, although the actual control range
where delay changes take effect is smaller and lies within this larger
range. An internal ADC converts the analog control voltages
into binary delay codes; therefore, the analog control is discrete
with nominally 0.8 ns resolution. Figure 6 illustrates the typical
transfer characteristic between control voltage and delay code.
DIGITAL CONTROL
Set the MODE pin low to select digital control (SPI or I2C). Set
the SER_SEL pin high to select SPI mode, or set the SER_SEL
pin low to select I2C mode. Table 6 provides the bit values for
reading and writing the red, green, and blue registers.
Table 6. Read/Write Instruction and Color Registers
Operation
R/W Bit
C1 Bit
C0 Bit
Write Red
0
0
0
Read Red
1
0
0
Write Green
0
0
1
Read Green
1
0
1
Write Blue
0
1
0
Read Blue
1
1
0
SPI Control
The SPI bus operates in full-duplex mode and consists of four
digital lines: SDI, SDO, SCK, and CS.
Table 7. AD8120 SPI Pin Descriptions
Pin No.
Pin
Name
Description
29
SDI
Serial data input, master out slave in (MOSI)
2
SDO
Serial data output, master in slave out (MISO)
30
SCK
Serial clock from master
31
CS
Chip select; active low
The AD8120 is programmed in SPI mode using a 2-byte sequence
(see Table 8). Data is clocked into the SDI pin or clocked out of
the SDO pin on the rising edge of the clock, MSB first. The first
byte contains the read/write (R/W) instruction and the color reg-
ister address (see
). The second byte contains the delay
code to write to the part (R/
Table 6
W = 0) or the stored delay code to
read from the part (R/W = 1).
Figure 17 shows how to write Delay Code 42 to the green
register. Figure 18 shows how to read Delay Code 21 from
the blue register.
Table 8. SPI 2-Byte Sequence
Byte 1 (R/W Bit and Color Register)
Byte 2 (Data)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SDI
R/W
0
0
0
0
0
C1
C0
X
X
D5
D4
D3
D2
D1
D0
SDO
X
X
X
X
X
X
X
X
X
X
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com