Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5602ARKZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5602ARKZ-R7
Description  50 MHz to 4.0 GHz RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5602ARKZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5602ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADL5602
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VCC = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
50
4000
MHz
FREQUENCY = 50 MHz
Gain
18.3
dB
Output 1 dB Compression Point (P1dB)
18.0
dBm
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
27.5
dBm
Second Harmonic
POUT = 0 dBm
−40.5
dBc
Third Harmonic
POUT = 0 dBm
−46.1
dBc
Noise Figure
2.9
dB
FREQUENCY = 140 MHz
Gain
17.0
dB
vs. Frequency
±50 MHz
±1.2
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.03
dB
vs. Supply Voltage
4.75 V to 5.25 V
±0.04
dB
Output 1 dB Compression Point (P1dB)
18.3
dBm
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
25.0
dBm
Second Harmonic
POUT = 0 dBm
−45.1
dBc
Third Harmonic
POUT = 0 dBm
−55.1
dBc
Noise Figure
2.9
dB
FREQUENCY = 350 MHz
Gain
19.7
dB
vs. Frequency
±50 MHz
±0.20
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.31
dB
vs. Supply Voltage
4.75 V to 5.25 V
±0.01
dB
Output 1 dB Compression Point (P1dB)
20.0
dBm
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
36.5
dBm
Second Harmonic
POUT = 0 dBm
−49.9
dBc
Third Harmonic
POUT = 0 dBm
−83.7
dBc
Noise Figure
3.0
dB
FREQUENCY = 700 MHz
Gain
19.0
20.2
21.0
dB
vs. Frequency
±50 MHz
±0.01
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.28
dB
vs. Supply Voltage
4.75 V to 5.25 V
±0.01
dB
Output 1 dB Compression Point (P1dB)
19.0
20.1
dBm
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
38.5
dBm
Second Harmonic
POUT = 0 dBm
−50.3
dBc
Third Harmonic
POUT = 0 dBm
−78.4
dBc
Noise Figure
3.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com