Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5602ARKZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5602ARKZ-R7
Description  50 MHz to 4.0 GHz RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5602ARKZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5602ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
50 MHz to 4.0 GHz
RF/IF Gain Block
ADL5602
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Fixed gain of 20 dB
Operation from 50 MHz to 4.0 GHz
Highest dynamic range gain block
Input/output internally matched to 50 Ω
Integrated bias control circuit
OIP3 of 42.0 dBm at 2.0 GHz
P1dB of 19.3 dBm at 2.0 GHz
Noise figure of 3.3 dB at 2.0 GHz
Single 5 V power supply
Low quiescent current of 89 mA
Thermally efficient SOT-89 package
ESD rating of ±1.5 kV (Class 1C)
FUNCTIONAL BLOCK DIAGRAM
RFIN
GND
RFOUT
1
2
BIAS
3
GND
ADL5602
(2)
Figure 1.
GENERAL DESCRIPTION
The ADL5602 is a broadband 20 dB linear amplifier that operates
at frequencies up to 4 GHz. The device can be used in a wide
variety of cellular, CATV, military, and instrumentation equipment.
The ADL5602 provides the highest dynamic range available
from an internally matched gain block. This is accomplished
by providing extremely low noise figures and very high OIP3
specifications simultaneously, across the entire 4 GHz
frequency range.
The ADL5602 provides a gain of 20 dB, which is stable over
frequency, temperature, power supply, and from device to
device. The device is internally matched to 50 Ω at the input
and output, making the ADL5602 very easy to implement in a
wide variety of applications. Only input/output ac coupling
capacitors, power supply decoupling capacitors, and an external
inductor are required for operation.
The ADL5602 is fabricated on an InGaP HBT process and has
an ESD rating of ±1.5 kV (Class 1C). The device is available in a
thermally efficient SOT-89 package.
The ADL5602 consumes 89 mA on a single 5 V supply and is
fully specified for operation from −40°C to +85°C.
A fully populated RoHS-compliant evaluation board is available.


Similar Part No. - ADL5602ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5602ARKZ-R7 AD-ADL5602ARKZ-R7 Datasheet
322Kb / 16P
RF/IF Gain Block
11/13-Rev. 0 to Rev. A
More results

Similar Description - ADL5602ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5535 AD-ADL5535 Datasheet
387Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com