Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5602ARKZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5602ARKZ-R7
Description  50 MHz to 4.0 GHz RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5602ARKZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5602ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADL5602
Rev. 0 | Page 10 of 16
H2
H3
–90
–80
–70
–60
–50
–40
–30
FREQUENCY (GHz)
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 9. Single Tone Harmonics vs. Frequency , POUT = 0 dBm
0
5
10
15
20
25
30
18.8
19.0
19.2
19.4
19.6
19.8
20.0
GAIN (dB)
Figure 10. Gain Distribution at 2000 MHz
0
5
10
15
20
25
30
18.5
18.7
18.9
19.1
19.3
19.5
19.7
19.9
P1dB (dBm)
Figure 11. P1dB Distribution at 2000 MHz
0
5
10
15
20
25
30
35
40
45
32
34
36
38
40
42
44
46
48
50
OIP3 (dBm)
Figure 12. OIP3 Distribution at 2000 MHz, POUT = 0 dBm
0
10
20
30
40
50
60
70
80
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
NOISE FIGURE (dB)
Figure 13. Noise Figure Distribution at 2000 MHz
80
82
84
86
88
90
92
94
96
98
–40 –30 –20 –10
0
1020
30
405060708090
TEMPERATURE (°C)
5.25V
4.75V
5V
Figure 14. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com