Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5602ARKZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5602ARKZ-R7
Description  50 MHz to 4.0 GHz RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5602ARKZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5602ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5602ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADL5602
Rev. 0 | Page 5 of 16
Parameter
Conditions
Min
Typ
Max
Unit
POWER INTERFACE
VCC
Supply Voltage (VCC)
4.5
5
5.5
V
Supply Current
89
106
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
±3
mA
Power Dissipation
VCC = 5 V
0.45
W
TYPICAL SCATTERING PARAMETERS (S PARAMETERS)
VCC = 5 V and TA = 25°C, the effects of the test fixture have been de-embedded up to the pins of the device.
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
50
−12.75
+32.81
18.14
+163.00
−25.27
−9.54
−8.96
−145.86
100
−8.98
−7.00
15.77
−179.92
−27.59
+4.56
−7.07
−178.96
150
−10.11
−34.04
17.27
−169.01
−26.11
+16.05
−7.89
+159.89
200
−11.97
−50.46
18.50
−168.73
−24.84
+16.55
−9.33
+147.22
250
−13.85
−62.42
19.21
−171.01
−24.14
+14.79
−10.87
+140.02
300
−15.69
−72.90
19.64
−173.77
−23.70
+12.89
−12.23
+136.16
350
−17.40
−81.30
19.90
−176.45
−23.43
+11.02
−13.56
+134.03
400
−19.17
−88.48
20.07
−178.86
−23.26
+9.65
−14.79
+132.79
450
−20.86
−97.45
20.18
+178.79
−23.14
+8.07
−15.99
+132.72
500
−22.52
−107.32
20.25
+176.86
−23.08
+7.11
−17.02
+133.33
550
−24.32
−112.89
20.32
+174.84
−23.00
+6.15
−18.21
+133.04
600
−26.07
−120.03
20.35
+173.09
−22.97
+5.24
−19.45
+135.06
650
−27.89
−128.79
20.39
+171.35
−22.93
+4.35
−20.73
+136.29
700
−30.79
−133.19
20.42
+169.67
−22.91
+3.72
−22.22
+136.96
750
−34.53
−136.03
20.42
+167.93
−22.91
+2.93
−23.91
+135.39
800
−42.59
−130.76
20.46
+166.48
−22.88
+2.30
−26.35
+136.07
850
−46.49
−2.93
20.47
+164.85
−22.88
+1.67
−29.40
+132.08
900
−34.26
+15.99
20.47
+163.17
−22.86
+0.98
−34.27
+116.48
950
−29.55
+9.83
20.48
+161.77
−22.86
+0.39
−40.86
+41.72
1000
−25.87
+5.52
20.48
+160.25
−22.86
−0.21
−31.44
−10.36
1050
−23.03
+1.85
20.47
+158.65
−22.89
−0.84
−26.19
−18.99
1100
−21.25
+0.10
20.45
+157.18
−22.90
−1.43
−23.27
−22.34
1150
−19.31
−1.89
20.45
+155.50
−22.92
−2.06
−20.70
−22.26
1200
−17.72
−4.09
20.40
+153.93
−22.96
−2.72
−18.67
−24.44
1250
−16.13
−6.53
20.35
+152.44
−23.04
−3.38
−16.92
−24.75
1300
−14.81
−8.71
20.31
+150.88
−23.07
−4.04
−15.44
−25.79
1350
−13.65
−10.01
20.24
+149.35
−23.16
−4.60
−14.14
−25.36
1400
−12.68
−11.33
20.18
+147.91
−23.22
−5.06
−13.12
−25.73
1450
−11.72
−12.65
20.11
+146.40
−23.32
−5.76
−12.04
−25.59
1500
−10.92
−13.56
20.04
+145.13
−23.39
−6.16
−11.20
−25.40
1550
−10.21
−14.37
19.97
+143.86
−23.49
−6.54
−10.49
−25.60
1600
−9.58
−15.37
19.88
+142.58
−23.57
−6.93
−9.77
−25.59
1650
−9.05
−15.74
19.80
+141.40
−23.69
−7.16
−9.21
−25.31
1700
−8.52
−16.73
19.72
+140.23
−23.76
−7.45
−8.66
−25.42
1750
−8.13
−17.13
19.64
+139.13
−23.87
−7.60
−8.26
−25.32
1800
−7.76
−17.59
19.57
+138.12
−23.94
−7.80
−7.91
−24.96
1850
−7.46
−17.76
19.50
+137.16
−24.05
−7.88
−7.56
−24.77
1900
−7.19
−17.92
19.43
+136.25
−24.13
−7.91
−7.35
−24.46
1950
−6.98
−17.84
19.39
+135.31
−24.18
−7.94
−7.13
−23.92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com