Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-1.5-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2118ACPZ-1.5-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-1.5-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP2118ACPZ-1.5-R7 Datasheet HTML 1Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 2Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 3Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADP2118
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN, PVIN
−0.3 V to +6 V
SW
−0.3 V to +6 V
FB, SYNC/MODE, EN, TRK, FREQ, PGOOD
−0.3 V to +6 V
PGND to GND
−0.3 V to +0.3 V
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θ
JA
Unit
16-Lead LFCSP_WQ
38.3
°C/W
Boundary Conditions
θJA is measured using natural convection on a JEDEC 4-layer
board, and the exposed pad is soldered to the printed circuit
board with thermal vias.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com