Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-1.5-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2118ACPZ-1.5-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-1.5-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2118ACPZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 9Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 11Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 12Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 13Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 14Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADP2118
Rev. 0 | Page 12 of 24
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
FREQUENCY (Hz)
100
1k
10k
100k
1M
CROSS FREQUENCY: 102kHz
PHASE MARGIN: 50°
1
2
Figure 34. Bode Plot at VIN = 5 V, VOUT = 1.0 V, IO = 3 A, fS = 1.2 MHz
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
FREQUENCY (Hz)
100
1k
10k
100k
1M
CROSS FREQUENCY: 81kHz
PHASE MARGIN: 63°
1
2
Figure 35. Bode Plot at VIN = 5 V, VOUT = 1.5 V, IO = 3 A, fS = 1.2 MHz
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
FREQUENCY (Hz)
100
1k
10k
100k
1M
CROSS FREQUENCY: 52kHz
PHASE MARGIN: 76°
1
2
Figure 36. Bode Plot at VIN = 5 V, VOUT = 2.5 V, IO = 3 A, fS = 1.2 MHz
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
FREQUENCY (Hz)
100
1k
10k
100k
1M
CROSS FREQUENCY: 93kHz
PHASE MARGIN: 56°
1
2
Figure 37. Bode Plot at VIN = 5 V, VOUT = 1.2 V, IO = 3 A, fS = 1.2 MHz
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
FREQUENCY (Hz)
100
1k
10k
100k
1M
CROSS FREQUENCY: 69kHz
PHASE MARGIN: 69°
1
2
Figure 38. Bode Plot at VIN = 5 V, VOUT = 1.8 V, IO = 3 A, fS = 1.2 MHz
60
48
36
24
12
0
–12
–24
–36
–48
–60
200
160
120
80
40
0
–40
–80
–120
–160
–200
FREQUENCY (Hz)
100
1k
10k
100k
1M
CROSS FREQUENCY: 46kHz
PHASE MARGIN: 79°
1
2
Figure 39. Bode Plot at VIN = 5 V, VOUT = 3.3 V, IO = 3 A, fS = 1.2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com