Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-1.5-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2118ACPZ-1.5-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-1.5-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2118ACPZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 17Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 18Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 19Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 20Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 21Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 22Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADP2118
Rev. 0 | Page 19 of 24
RTOP
20k
Ω
RBOT
10k
Ω
R2
10k
Ω
R1
10
Ω
SYNC/MODE
FREQ
TRK
FB
PVIN
ADP2118
SW
SW
SW
1
2
3
4
12
11
10
9
CIN
100µF
X5R,
6.3V
COUT
100µF
X5R,
6.3V
C1
0.1µF
VIN
5V
VOUT
1.8V
3A
L
1µH
16
15
14
13
5
6
7
8
L: MSS1038-102NL COILCRAFT
CIN, COUT: C3225X5R0J107M TDK
1MHz
EXT
CLOCK
Figure 47. 1.8 V, 3 A Step-Down Regulator,
Synchronized to 1 MHz In Phase with the External Clock
RTOP
15k
Ω
RBOT
10k
Ω
R2
10k
Ω
R1
10
Ω
SYNC/MODE
FREQ
TRK
FB
PVIN
ADP2118
SW
SW
SW
1
2
3
4
12
11
10
9
CIN
100µF
X5R,
6.3V
COUT
100µF
X5R,
6.3V
C1
0.1µF
VIN
5V
VOUT
1.5V
3A
L
1µH
16
15
14
13
5
6
7
8
L: MSS1038-102NL COILCRAFT
CIN, COUT: C3225X5R0J107M TDK
1MHz
EXT
CLOCK
Figure 48. 1.5 V, 3 A Step-Down Regulator, Synchronized to 1 MHz,
180° Out of Phase with the External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com