Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-1.5-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2118ACPZ-1.5-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-1.5-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2118ACPZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 17Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 18Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 19Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 20Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 21Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 22Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 23Page - Analog Devices ADP2118ACPZ-1.5-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADP2118
Rev. 0 | Page 21 of 24
OUTLINE DIMENSIONS
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGC.
1
0.65
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
0.50
0.40
0.30
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
PIN 1
INDICATOR
0.35
0.30
0.25
2.60
2.50 SQ
2.40
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 50. 16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
4 mm × 4 mm Body, Very Very Thin Quad
(CP-16-26)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Output Voltage
Package Description
Package Option
ADP2118ACPZ-R71
−40°C to +125°C
Adjustable
16-Lead LFCSP_WQ
CP-16-26
ADP2118ACPZ-1.0-R71
−40°C to +125°C
1.0 V
16-Lead LFCSP_WQ
CP-16-26
ADP2118ACPZ-1.2-R71
−40°C to +125°C
1.2 V
16-Lead LFCSP_WQ
CP-16-26
ADP2118ACPZ-1.5-R71
−40°C to +125°C
1.5 V
16-Lead LFCSP_WQ
CP-16-26
ADP2118ACPZ-1.8-R71
−40°C to +125°C
1.8 V
16-Lead LFCSP_WQ
CP-16-26
ADP2118ACPZ-2.5-R71
−40°C to +125°C
2.5 V
16-Lead LFCSP_WQ
CP-16-26
ADP2118ACPZ-3.3-R71
−40°C to +125°C
3.3 V
16-Lead LFCSP_WQ
CP-16-26
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com