Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243ECT-L/TR Datasheet(PDF) 16 Page - Exar Corporation

Part # SP3243ECT-L/TR
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECT-L/TR Datasheet(HTML) 16 Page - Exar Corporation

Back Button SP3243ECT-L/TR Datasheet HTML 12Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 13Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 14Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 15Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 16Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 17Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 18Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 19Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 20Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_100_072309
ESD TOLERANCE
The SP3243E series incorporates ruggedized
ESD cells on all driver output and receiver input
pins. The ESD structure is improved over our
previous family for more rugged applications
and environments sensitive to electro-static dis-
chargesandassociatedtransients.Theimproved
ESD tolerance is at least +15kV without damage
nor latch-up.
There are different methods of ESD testing ap-
plied:
a) MIL-STD-883, Method 3015.7
b) IEC1000-4-2 Air-Discharge
c) IEC1000-4-2 Direct Contact
The Human Body Model has been the generally
accepted ESD testing method for semi-con-
ductors. This method is also specified in
MIL-STD-883, Method 3015.7 for ESD testing.
The premise of this ESD test is to simulate the
human body’s potential to store electro-static
energy and discharge it to an integrated circuit.
The simulation is performed by using a test
model as shown in Figure 23.
This method
will test the IC’s capability to withstand an ESD
transient during normal handling such as in
manufacturing areas where the ICs tend to be
handled frequently.
TheIEC-1000-4-2,formerlyIEC801-2,isgenerally
used for testing ESD on equipment and systems.
Forsystemmanufacturers,theymustguaranteea
certainamountofESDprotectionsincethesystem
itself is exposed to the outside environment and
human presence. The premise with IEC1000-4-
2 is that the system is required to withstand an
amount of static electricity when ESD is applied
to points and surfaces of the equipment that are
accessible to personnel during normal usage.
The transceiver IC receives most of the ESD
current when the ESD source is applied to the
connector pins. The test circuit for IEC1000-4-2
is shown on Figure 24. There are two methods
within IEC1000-4-2, the Air Discharge method
and the Contact Discharge method.
With the Air Discharge Method, an ESD voltage
is applied to the equipment under test (EUT)
throughair. Thissimulatesanelectricallycharged
person ready to connect a cable onto the rear of
the system only to find an unpleasant zap just
before the person touches the back panel. The
high energy potential on the person discharges
through an arcing path to the rear panel of the
system before he or she even touches the sys-
tem. This energy, whether discharged directly
or through air, is predominantly a function of
the discharge current rather than the discharge
voltage. Variables with an air discharge such as
approach speed of the object carrying the ESD
potential to the system and humidity will tend to
change the discharge current. For example, the
rise time of the discharge current varies with the
approach speed.
The Contact Discharge Method applies the ESD
current directly to the EUT. This method was
devised to reduce the unpredictability of the ESD
arc. The discharge current rise time is constant
since the energy is directly transferred without the
air-gap arc. In situations such as hand held sys-
tems, the ESD charge can be directly discharged
to the equipment from a person already holding
the equipment. The current is transferred on to
the keypad or the serial port of the equipment
directly and then travels through the PCB and
finally to the IC.
Figure 23. ESD Test Circuit for Human Body Model
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com