Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243ECT-L/TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP3243ECT-L/TR
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECT-L/TR Datasheet(HTML) 2 Page - Exar Corporation

  SP3243ECT-L/TR Datasheet HTML 1Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 2Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 3Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 4Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 5Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 6Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 7Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 8Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_100_072309
NOTE 1: V+ and V- can have maximum magnitudes of
7V, but their absolute difference cannot exceed 13V.
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC.......................................................-0.3V to +6.0V
V+ (NOTE 1).......................................-0.3V to +7.0V
V- (NOTE 1)........................................+0.3V to -7.0V
V+ + |V-| (NOTE 1)...........................................+13V
I
CC (DC VCC or GND current).........................+100mA
Input Voltages
TxIN, ONLINE,SHUTDOWN, .....-0.3V to Vcc +6.0V
RxIN...................................................................+15V
Output Voltages
TxOUT.............................................................+13.2V
RxOUT, STATUS.......................-0.3V to (V
CC +0.3V)
Short-Circuit Duration
TxOUT....................................................Continuous
Storage Temperature......................-65°C to +150°C
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX,
C1 - C4 = 0.1µF. Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C.
Power Dissipation per package
28-pin SOIC (derate 12.7mW/oC above +70oC).........1000mW
28-pin SSOP (derate 11.2mW/oC above +70oC)..........900mW
28-pin TSSOP (derate 13.2mW/oC above +70oC)......1059mW
32-pin QFN (derate 29.4mW/oC above +70oC)...........2352mW
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX. UNITS CONDITIONS
DC CHARACTERISTICS
Supply Current, AUTO ON-
LINE®
1.0
10
µA
All RxIN open, ONLINE = GND,
SHUTDOWN = V
CC, VCC = 3.3V
T
AMB = 25
o
C, TxIN = GND or V
CC
Supply Current, Shutdown
1.0
10
µA
SHUTDOWN = GND, VCC = 3.3V,
T
AMB = 25
o
C, TxIN = Vcc or GND
Supply Current
AUTO ON-LINE® Disabled
0.3
1.0
mA
ONLINE = SHUTDOWN = Vcc, no
load, V
CC = 3.3V, TAMB = +25
o
C,
TxIN = GND or V
CC
LOGIC INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold
LOW
HIGH
2.4
0.8
V
V
V
CC = =3.3V or =5.0V, TxIN
ONLINE, SHUTDOWN
Input Leakage Current
+0.01
+1.0
µA
TxIN, ONLINE, SHUTDOWN,
T
AMB = +25
o
C, V
IN = 0V to VCC
Output Leakage Current
+0.05
+10
µA
Receivers disabled, V
OUT = 0V to VCC
Output Voltage LOW
0.4
V
I
OUT = 1.6mA
Output Voltage HIGH
V
CC -0.6
V
CC -0.1
V
I
OUT = -1.0mA
DRIVER OUTPUTS
Output Voltage Swing
+5.0
+5.4
V
All driver outputs loaded with 3KΩ to
GND, T
AMB = +25
o
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com