Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243ECT-L/TR Datasheet(PDF) 6 Page - Exar Corporation

Part # SP3243ECT-L/TR
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECT-L/TR Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP3243ECT-L/TR Datasheet HTML 2Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 3Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 4Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 5Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 6Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 7Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 8Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 9Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_100_072309
Table 1. Device Pin Description
PIN NUMBER
NAME
FUNCTION
SP3243E
SP3243EUCR
QFN
C1+
Positive terminal of the voltage doubler charge-pump capacitor
28
28
V+
Regulated +5.5V output generated by the charge pump
27
26
C1-
Negative terminal of the voltage doubler charge-pump capacitor
24
22
C2+
Positive terminal of the inverting charge-pump capacitor
1
29
C2-
Negative terminal of the inverting charge-pump capacitor
2
31
V-
Regulated -5.5V output generated by the charge pump
3
32
R
1IN
RS-232 receiver input.
4
2
R
2IN
RS-232 receiver input
5
3
R
3IN
RS-232 receiver input
6
4
R
4IN
RS-232 receiver input
7
5
R
5IN
RS-232 receiver input
8
6
R
1OUT
TTL/CMOS receiver output
19
17
R
2OUT
TTL/CMOS receiver output
18
16
R
2OUT
Non-inverting receiver-2 output, active in shutdown
20
18
R
3OUT
TTL/CMOS receiver output
17
15
R
4OUT
TTL/CMOS receiver output
16
14
R
5OUT
TTL/CMOS receiver output
15
13
STATUS
TTL/CMOS Output indicating online and shutdown status
21
19
T
1IN
TTL/CMOS driver input
14
12
T
2IN
TTL/CMOS driver input
13
11
T
3IN
TTL/CMOS driver input
12
10
ONLINE
Apply logic HIGH to override AUTO ON-LINE® circuitry
keeping drivers acive (SHUTDOWN must also be logic
HIGH, refer to Table 2)
23
21
T1
OUT
RS-232 driver output
9
7
T2
OUT
RS-232 driver output
10
8
T3
OUT
RS-232 driver output
11
9
GND
Ground
25
23
V
CC
+3.0V to +5.5V supply voltage
26
25
SHUTDOWN Apply logic LOW to SHUTDOWN driver and charge pump.
This overrides all AUTO ON-LINE® circuitry and ONLINE
(Refer to table 2)
22
20
NC
No Connection
-
1,24,27,30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com