Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243ECT-L/TR Datasheet(PDF) 23 Page - Exar Corporation

Part # SP3243ECT-L/TR
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECT-L/TR Datasheet(HTML) 23 Page - Exar Corporation

Back Button SP3243ECT-L/TR Datasheet HTML 16Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 17Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 18Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 19Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 20Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 21Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 22Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 23Page - Exar Corporation SP3243ECT-L/TR Datasheet HTML 24Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_100_072309
23
ORDERING INFORMATION
For Tape and Reel option add "/TR", Example: SP3243ECA-L/TR.
Part Number
Data Rate (kbps)
Temp. Range
Package
SP3243ECA-L
120
0C to +70C
28 Pin SSOP
SP3243ECT-L
120
0C to +70C
28 Pin WSOIC
SP3243ECY-L
120
0C to +70C
28 Pin TSSOP
SP3243EEA-L
120
-40C to +85C
28 Pin SSOP
SP3243EET-L
120
-40C to +85C
28 Pin WSOIC
SP3243EEY-L
120
-40C to +85C
28 Pin TSSOP
SP3243EBCA-L
250
0C to +70C
28 Pin SSOP
SP3243EBCT-L
250
0C to +70C
28 Pin WSOIC
SP3243EBCY-L
250
0C to +70C
28 Pin TSSOP
SP3243EBER-L
250
0C to +70C
32 Pin QFN
SP3243EBEA-L
250
-40C to +85C
28 Pin SSOP
SP3243EBET-L
250
-40C to +85C
28 Pin WSOIC
SP3243EBEY-L
250
-40C to +85C
28 Pin TSSOP
SP3243EBER-L
250
-40C to +85C
32 Pin QFN
SP3243EHCA-L
460
0C to +70C
28 Pin SSOP
SP3243EHCT-L
460
0C to +70C
28 Pin WSOIC
SP3243EHEA-L
460
-40C to +85C
28 Pin SSOP
SP3243EHET-L
460
-40C to +85C
28 Pin WSOIC
SP3243EUCA-L
1000
0C to +70C
28 Pin SSOP
SP3243EUCT-L
1000
0C to +70C
28 Pin WSOIC
SP3243EUCY-L
1000
0C to +70C
28 Pin TSSOP
SP3243EUER-L
1000
0C to +70C
32 Pin QFN
SP3243EUEA-L
1000
-40C to +85C
28 Pin SSOP
SP3243EUET-L
1000
-40C to +85C
28 Pin WSOIC
SP3243EUEY-L
1000
-40C to +85C
28 Pin TSSOP
SP3243EUER-L
1000
-40C to +85C
32 Pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com