Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC65D02C40 Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC65D02C40
Description  8-BIT MCU FOR PRESET REMOTE CONTROL (MASK TYPE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC65D02C40 Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC65D02C40 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 12Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SC65D02C40
3.3 P3 port
[Description]
P3 of SC65D02C40 has only one bit which is only as output port.
3.4 ROM
[Description]
SC65D02C40 has built-in 40K-byte read-only memory(ROM), and the address range is 6000H ~FFFFH. The
configuration area FFF0H~FFFFH contains reset and interrupt vectors for normal working mode and test
mode.shown in figure 5:
Figure 5 – MASK configuration area
The reset vector value is the initial value of PC after the circuit is reset, that is the entry address of the main
program, where, the high byte is stored in FFFBH, and low byte is stored in FFFAH. For example: FFFAH
stores 40H, FFFBH stores 80H, then after the circuit is reset, then PC points to 8040H.
The interrupt vector value is the initial value of PC after MCU responses to the interrupt, which is the entry
address of the interrupt service routine, where, the high byte is stored in FFF9H, and low byte is stored in
FFF8H. For example: FFF8H stores 00H, FFF9H stores 80H, then the interrupt entry address is 8000H.
The reset vector value and the interrupt vector value in test mode are useful in production test, and the
customer should set FFF0H with 00H, FFF1H with 60H, FFF2H with 04H, FFF3H with 60H to make sure the
program down load is correct, for example, the customer should add the following code in proper position:
ORG
FFF0H
DW
6000H
DW
6004H
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.12.10
Http: //www.silan.com.cn
Page 8 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com