Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC65D02C40 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC65D02C40
Description  8-BIT MCU FOR PRESET REMOTE CONTROL (MASK TYPE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC65D02C40 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC65D02C40 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SC65D02C40
Figure 2 – Oscillator circuit
Where:
Rd is drive resistor, the value is 100Ω~ 300Ω.
C1 and C2 are load capacitors with same value, the range is :10pF ~ 30pF.
XTAL is crystal oscillator, frequency is 2MHz ~ 6MHz.
3.
Periphery modules
3.1 WDT/timer
[Description]
As shown in figure 3, in WDT/timer module, the 16-bit timer can also be used as the low 16-bit of 21-bit WDT.
The counting clock of WDT/timer can be directly provided by oscillator clock OscClk.
[Structure]
Figure 3 – WDT/timer diagram
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.12.10
Http: //www.silan.com.cn
Page 6 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com