Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC65D02C40 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC65D02C40
Description  8-BIT MCU FOR PRESET REMOTE CONTROL (MASK TYPE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC65D02C40 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC65D02C40 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SC65D02C40
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.12.10
Http: //www.silan.com.cn
Page 4 of 17
PIN DESCRIPTION
SC65D02C40/A
Pin No.
Pin Name
I/O
Function description
1
VDD
--
Power supply
24
GND
--
Ground
2
XIN
I
External oscillator input pin.
3
XOUT
O
External oscillator output pin (connect driver resistor in series
between XOUT and oscillator)
4
nRST
I
External reset pin (internal pull-up resistor, low active)
5~12
P00~P07
I/O
I/O pin usually used for keyboard input
13~20
P20~P27
I/O
I/O pin usually used for keyboard output
21
P30
O
Output pin usually used for driving LED lamp directly.
22
CYOUT
O
Infrared signal control output pin.
23
TEST
--
Test pin (Connected to VDD for normal use)
SC65D02C40B/C
Pin No.
Pin Name
I/O
Function description
1
VDD
--
Power supply
28
GND
--
Ground
2
XIN
I
External oscillator input pin.
3
XOUT
O
External oscillator output pin (connect driver resistor in series
between XOUT and oscillator)
4
nRST
I
External reset pin (internal pull-up resistor, low active)
5~12
P00~P07
I/O
I/O pin usually used for keyboard input
13~16
P10~P13
I/O
I/O pin usually used for keyboard output
17~24
P20~P27
I/O
I/O pin usually used for keyboard output
25
P30
O
Output pin usually used for driving LED lamp directly.
26
CYOUT
O
Infrared signal control output pin.
27
TEST
--
Test pin (Connected to VDD for normal use)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com