Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC65D02C40 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC65D02C40
Description  8-BIT MCU FOR PRESET REMOTE CONTROL (MASK TYPE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC65D02C40 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC65D02C40 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC65D02C40 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SC65D02C40
FUNCTION DESCRIPTION
1.
Address space assignment
SC65D02C40 distributes program and data space in uniform addressing method, shown in figure 1.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.12.10
Http: //www.silan.com.cn
Page 5 of 17
2.
Oscillator circuit
SC65D02C40 provides a high-gain RP-amplifie whose input is XIN and output is XOUT. By connecting a quartz
crystal and two capacitors between XIN and XOUT, a stable self oscillator can be composed, shown in figure 2.
The oscillation waveform generated by the oscillator circuit generates the oscillator clock after it is reshaped by
the inverter. The oscillator clock provides the clock signal for WDT and code transmitting block, at the same
time as the SC65X MCU system clock after dividing frequency by 4.
40K×8 ROM
FFF0H
0000H
01A0H
019FH
6000H
5FFFH
(Unused)
SFR
0000H
0030H
002FH
(Unused)
0080H
007FH
256×8
Customer
RAM
0180H
017FH
32×8
Code transmitting
buffer
019FH
FFFFH
6000H
5FFFH
(System
reserved)
Reset vector
value
Interrupt vector
value
Reset vector
value in test
mode
Interrupt vector
value in test
mode
(System
reserved)
FFFFH
FFFEH
FFFDH
FFFCH
FFFBH
FFFAH
FFF9H
FFF8H
FFF3H
FFF2H
FFF1H
FFF0H
FFF7H
FFF6H
FFF5H
FFF4H
0100H
00FFH
Figure 1 – Address assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com