Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB214B Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMB214B
Description  High-power, Three-channel Programmable DC-DC System Power Managers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214B Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMB214B Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
5
PIN DESCRIPTION
Pin Number
Pin Type
Pin Name
Pin Description
1
OUT
HSDRV_CH0
The HSDRV_CH0 (Channel 0 High-side Driver) pin is the upper
switching node of the channel 0 synchronous step-down buck
controller. Attach to the gate of p-channel MOSFET. A delay
exists between the assertion of HSDRV_CH0 and assertion of
LSDRV_CH0 to prevent excessive current flow during switching.
2
OUT
HEALTHY
(nRESET)
The HEALTHY pin is an open drain output. High when all
enabled output supplies are within the programmed levels.
HEALTHY will ignore any disabled supply.
There is a
programmable glitch filter on the under-voltage and over-voltage
sensors so that short transients outside of the limits will be
ignored by HEALTHY. This pin can also be programmed to act
as a Reset Output (nRESET). In this case, it releases with a
programmable delay after all outputs are valid. When used, this
pin should be pulled high by an external pull-up resistor.
3
IN
COMP1_CH0
The COMP1_CH0 (Channel 0 primary Compensation) pin is the
primary feedback input of the channel 0 step-down buck
controller. The COMP1_CH0 pin is internally connected to a
programmable resistor divider.
4
IN
COMP2_CH0
The COMP2_CH0 (Channel 0 secondary Compensation) pin is
the secondary feedback input of the channel 0 step-down buck
controller.
5
IN
VM_CH0
The VM_CH0 (Channel 0 Voltage Monitor) pin connects the
channel 0 step-down controller output. Internally the VM_CH0 pin
connects to a programmable resistor divider.
6
I/O
SDA
SDA (Serial Data) is an open drain bi-directional pin used as the
I
2C data line. SDA must be tied high through a pull-up resistor.
7
IN
SCL
SCL (Serial Clock) is an open drain input pin used as the I
2C
clock line. SCL must be tied high through a pull-up resistor.
8
OUT
LSDRV_CH1
The LSDRV_CH1 (Channel 1 Low-side Driver) pin is the lower
switching node of the channel 1 synchronous step-down buck
controller. Attach to the gate of n-channel MOSFET.
9
PWR
HVSUP1
Channel 1 High Voltage Supply for Channel 1 buck driver.
10
OUT
HSDRV_CH1
The HSDRV_CH1 (Channel 1 High-side Driver) pin is the upper
switching node of the channel 1 synchronous step-down buck
controller. Attach to the gate of p-channel MOSFET. A delay
exists between the assertion of HSDRV_CH1 and assertion of
LSDRV_CH1 to prevent excessive current flow during switching.
11
IN
HOST_RESET
The HOST_RESET pin is an active high reset input. When this
pin is asserted high, the nRESET output will immediately go low.
When HOST_RESET is brought low, nRESET will go high after a
programmed reset delay. When pin 2 is used as a HEALTHY
output, this pin needs to be attached to GND or VBATT via a
resistor.
12
IN
COMP1_CH1
The COMP1_CH1 (Channel 1 primary Compensation) pin is the
primary compensation input of the channel 1 step-down buck
controller. The COMP1_CH1 pin is internally connected to a
programmable resistor divider.
13
IN
COMP2_CH1
The COMP2_CH1 (Channel 1 secondary Compensation) pin is
the secondary compensation input of the channel 1 step-down
buck controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com