Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB214B Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # SMB214B
Description  High-power, Three-channel Programmable DC-DC System Power Managers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214B Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMB214B Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
8
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Temperature Under Bias .................... -55
°C to +125°C
Storage Temperature.......................... -65
°C to +150°C
Terminal Voltage with Respect to GND:
VBATT Supply Voltage .................... -0.3V to +10V
HVSUP Supply Voltage .................. -0.3V to +6.5V
All Others ...................................... -0.3V to VBATT
Output Short Circuit Current .................…………100mA
Reflow Solder Temperature (30 secs)............... +260
°C
Junction Temperature........................................ +150
°C
ESD Rating per JEDEC ..................................... +2000V
Latch-Up testing per JEDEC............................. ±100mA
Commercial Temperature Range............... 0°C to +70°C
Industrial Temperature Range ................ -40°C to +85°C
VBATT Supply Voltage ........................... +2.7V to +6.0V
HVSUP Supply Voltage........................... +2.7V to +6.0V
All Others.................................................GND to VBATT
Package Thermal Resistance (
θJA), 32-Lead QFN
(thermal pad connected to PCB)....................... 37.2°C/W
Moisture Classification Level 3 (MSL 3) per J-STD-020
RELIABILITY CHARACTERISTICS
Data Retention ................................................ 100 Years
Endurance................................................ 100,000 Cycle
Temperature Range ................................ -40°C to +85°C
Note - The device is not guaranteed to function outside its operating rating. Stresses listed under Absolute Maximum
Ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions outside those listed in the operational sections of the specification is not
implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBATT
Input supply voltage
Input supply voltage (operational)
2.7
6.0
V
VHVSUP
Buck driver supply voltage
Gate drive voltage
2.7
6.0
V
VBATT rising
2.2
2.3
V
VUVLO
Under-voltage lockout
VBATT falling
1.9
2.0
V
IDD-MONITOR
Monitoring current
All voltage inputs monitored. No
supplies switching, VBATT at 4.2V.
290
400
µA
IDD-ACTIVE
Active current
Total current all channels enabled. No
load. VBATT at 4.2V. Note 2.
1.2
2.0
mA
VDD_CAP
Internal supply, present on
VDD_CAP pin
No load
2.4
2.5
2.6
V
Oscillator
SMB214A
320
400
480
SMB214B
640
800
960
fOSC
Oscillator frequency
SMB214C
800
1000
1200
kHz
OPP LT
Oscillator peak-to-peak
1
V
∆fSV
Frequency stability for voltage
0.1
%/V
+25°C to +70°C, fOSC = 800kHz
0.18
∆fST
Frequency stability for
temperature
+25°C to +85°C, fOSC = 800kHz
0.22
kHz/°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com