Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB214B Datasheet(PDF) 21 Page - Summit Microelectronics, Inc.

Part # SMB214B
Description  High-power, Three-channel Programmable DC-DC System Power Managers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214B Datasheet(HTML) 21 Page - Summit Microelectronics, Inc.

Back Button SMB214B Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 25Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
21
DEVELOPMENT HARDWARE & SOFTWARE
The end user can obtain the Summit SMX3200
parallel port programming system or the I
2C2USB
(SMX3201) USB programming system for device
prototype development. The SMX3200(1) system
consist of a programming Dongle, cable and
Windows
TM GUI software. It can be ordered on the
website or from a local representative. The latest
revisions of all software and an application brief
describing the SMX3200 and SMX3202 are available
from the website (http://www.summitmicro.com).
The SMX3200 programming Dongle/cable interfaces
directly between a PC’s parallel port and the target
application; while the SMX3202 interfaces directly to
the PC’s USB port and the target application. The
device is then configured on-screen via an intuitive
graphical user interface employing drop-down menus.
The Windows GUI software will generate the data and
send it in I
2C serial bus format so that it can be directly
downloaded
to
the
SMB214A/B/C
via
the
programming Dongle and cable. An example of the
connection interface is shown in Figure 8.
When design prototyping is complete, the software
can generate a HEX data file that should be
transmitted to Summit for approval. Summit will then
assign a unique customer ID to the HEX code and
program production devices before the final electrical
test operations.
This will ensure proper device
operation in the end application.
Pin 9, 5.0V
Pin 7, 10V
Pin 5, Reserved
Pin 3, GND
Pin 1, GND
Pin 6, MR#
Pin 4, SDA
Pin 2, SCL
Pin 8, Reserved
Pin 10, Reserved
Top view of straight 0.1" x 0.1 closed-side
connector. SMX3200/SMX320 interface cable
connector.
9
7
5
3
1
10
8
6
4
2
SMB214A/B/C
SDA
SCL
GND
0.1
µF
VBATT
Figure 8 – SMX3202 Programmer I
2C serial bus connections to program the SMB214A/B/C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com