Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB214B Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMB214B
Description  High-power, Three-channel Programmable DC-DC System Power Managers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214B Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB214B Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SMB214A/B/C
Preliminary Information
© SUMMIT Microelectronics, Inc. 2007
757 N. Mary Avenue • Sunnyvale CA 94085
Phone 408 523-1000 • FAX 408 523-1266
http://www.summitmicro.com/
2128 2.0 6/20/2008
1
INTRODUCTION
Figure 1 – Applications schematic featuring the SMB214A/B/C programmable DC-DC controllers.
Note: This is an applications example only. Some pins, components and values are not shown.
• Digital programming of all major parameters via
I
2C interface and non-volatile memory
•
Output voltage set point
•
Input/battery voltage monitoring
•
Output power-up/down sequencing
•
Dynamic voltage control of all outputs
•
UV/OV monitoring of all outputs
•
Enable/Disable outputs independently
• User friendly Graphical User Interface (GUI)
• Three synchronous step-down output channels
• Integrated RESET monitor
• +2.7V to +6.0V Input Range
• Highly accurate output voltage: <2.5%
• Factory programmable dead times
• 0% to 100% Duty Cycle operation
• Undervoltage Lockout (UVLO) with hysteresis
• Operating frequency: 400kHz (SMB214A), 800kHz
(SMB214B), 1MHz (SMB214C)
Applications
• Car & Marine Navigation Systems
• Set-top Boxes
• TVs
• DDR Memory
• Mobile Computing/PDAs
• Office Equipment
•
DMB Systems
The SMB214A/B/C are highly integrated and flexible three-
channel power managers designed for use in a wide range of
applications. The built-in digital programmability allows system
designers to custom tailor the device to suit almost any multi-
channel power supply application from digital camcorders to
set-top boxes. Complete with a user friendly GUI, all
programmable
settings,
including
output
voltages
and
input/output voltage monitoring, can be customized with ease.
The SMB214A/B/C integrate all the essential blocks required to
implement a complete three-channel power subsystem
consisting of three synchronous step-down “buck” controllers.
Additionally sophisticated power control/monitoring functions
required by complex systems are built-in.
These include
digitally programmable output voltage set point, power-
up/down
sequencing,
enable/disable,
dynamic
voltage
management and UV/OV monitoring on all channels.
The integration of features and built-in flexibility of the
SMB214A/B/C allows the system designer to create a “platform
solution” that can be easily modified via software without major
hardware changes. Combined with the re-programmability of
the SMB214A/B/C, this facilitates rapid design cycles and
proliferation from a base design to future product generations.
The SMB214A/B/C are suited to a wide variety of applications
with an input range of +2.7V to +6.0V. Higher input voltage
operation can easily be implemented with a small number of
external components. Output voltages are extremely accurate
(<2.5%).
Communication is accomplished via the industry
standard I
2C bus. All user-programmed settings are stored in
non-volatile EEPROM. The devices are offered in both the
commercial and the industrial operating temperature range.
The package type is a lead-free, RoHS compliant, 5x5 QFN-
32.
SIMPLIFIED APPLICATIONS DRAWING
FEATURES & APPLICATIONS
High-power, Three-channel Programmable DC-DC System Power Managers
SMB214
+0.5V to Vin (Prog.) @ 5A
+0.5V to Vin (Prog.) @ 5A
+2.7V to +6.0V
or
Li-Ion
CPU Core
Analog/RF
I2C/SMBus
3 Step-
Down
(Buck)
Channels
System
Control
and
Monitoring
RESET Output
(Power Good)
Enable Input
+0.5V to Vin (Prog.) @ 5A
Memory, I/O
RESET
Monitor


Similar Part No. - SMB214B

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB214B SUMMIT-SMB214B Datasheet
309Kb / 27P
High-power, Three-channel Programmable DC-DC System Power Managers
More results

Similar Description - SMB214B

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
Five Channel Programmable DC-DC System Power Manager
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
Seven-Channel Programmable DC-DC Power Manager
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB211 SUMMIT-SMB211 Datasheet
34Kb / 1P
Programmable Power Managers with Digital Power Control
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
High-power, Three-channel Programmable DC-DC System Power Managers
logo
B&K Precision Corporati...
PVS10005 BK-PVS10005 Datasheet
727Kb / 6P
High Power Programmable DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com