Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0118 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0118
Description  GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0118 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0118 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0118 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0118 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SP4T 2.5 V High Power Switch
DC - 3.0 GHz
Rev. V3
MASWSS0118
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Voltage Operation: 2.5 V
• Low Harmonics: < -65 dBc at +34 dBm & 1 GHz
• Low Insertion Loss: 0.65 dB at 1 GHz
• High Isolation: 23 dB at 2 GHz
• 4 mm 16-Lead PQFN Package
• 0.5 micron GaAs PHEMT Process
Description
M/A-COM’s MASWSS0118 is a GaAs PHEMT
MMIC single pole four throw (SP4T) high power
switch in a low cost 4 mm 16-lead PQFN package.
The MASWSS0118 is ideally suited for applications
where high power, low control voltage, low insertion
loss, high isolation, small size, and low cost are
required.
Typical applications are for GSM and DCS handset
systems that connect separate transmit and receive
functions to a common antenna, as well as other
handset and related applications. This part can be
used in all systems operating up to 3.0 GHz
requiring high power at low control voltage.
The MASWSS0118 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
1. Reference Application Note M513 for reel size information.
Ordering Information
1
Part Number
Package
MASWSS0118TR
1000 piece reel
MASWSS0118TR-3000
3000 piece reel
MASWSS0118SMB
Sample Test Board
Functional Schematic
Pin No.
Pin Name
Description
1
V1
Control 1
2
RF1
RF Port 1
3
GND
RF Ground
4
RF2
RF Port 2
5
GND
RF Ground
6
V2
Control 2
7
V3
Control 3
8
GND
RF Ground
9
RF3
RF Port 3
10
GND
RF Ground
11
GND
RF Ground
12
RF4
RF Port 4
13
GND
RF Ground
14
V4
Control 4
15
GND
RF Ground
16
ANT
Antenna Port
17
Paddle
2
RF Ground
Pin Configuration
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
RF2
RF3
RF1
V1
GND
39 pF
39 pF
Pin 1
39 pF
GND
GND
RF4
39 pF
Pin 16


Similar Part No. - MASWSS0118

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0118 MACOM-MASWSS0118 Datasheet
206Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118SMB MACOM-MASWSS0118SMB Datasheet
206Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118TR MACOM-MASWSS0118TR Datasheet
206Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118TR-3000 MACOM-MASWSS0118TR-3000 Datasheet
206Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0118

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0181 MACOM-MASWSS0181 Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASW-008566 MACOM-MASW-008566 Datasheet
100Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118 MACOM-MASWSS0118 Datasheet
206Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASW-008566 MA-COM-MASW-008566 Datasheet
119Kb / 4P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
GaAs SP4T Switch, Absorptive DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com