Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZR Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS8427-CSZR
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZR Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS8427-CSZR Datasheet HTML 52Page - Cirrus Logic CS8427-CSZR Datasheet HTML 53Page - Cirrus Logic CS8427-CSZR Datasheet HTML 54Page - Cirrus Logic CS8427-CSZR Datasheet HTML 55Page - Cirrus Logic CS8427-CSZR Datasheet HTML 56Page - Cirrus Logic CS8427-CSZR Datasheet HTML 57Page - Cirrus Logic CS8427-CSZR Datasheet HTML 58Page - Cirrus Logic CS8427-CSZR Datasheet HTML 59Page - Cirrus Logic CS8427-CSZR Datasheet HTML 60Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
CS8427
DS477F4
57
20.3
Component Value Selection
When transitioning from one revision of the part
another, component values may need to be
changed. While it is mandatory for customers to
change the external PLL component values when
transitioning from revision A to revision A1 or from
revision A to revision A2, customers do not need to
change external PLL component values when tran-
sitioning from revision A1 to revision A2, unless the
part is used in an application that is required to
pass the AES3 or IEC60958-4 specification for re-
ceiver jitter tolerance (see Table 7).
20.3.1
Identifying the Part Revision
The first line of the part marking on the package in-
dicates the part number and package type
(CS8427-xx). Table 5 shows a list of part revisions
and their corresponding second line part marking,
which indicates what revision the part is.
20.3.2
Locking to the RXP/RXN Receiver
Inputs
CS8427 parts that are configured to lock to only
the RXP/RXN receiver inputs should use the exter-
nal PLL component values listed in Table 6 and
Table 7. Values listed for the 32 to 96 kHz Fs
range will have the highest corner frequency jitter
attenuation curve, take the shortest time to lock,
and offer the best output jitter performance.
Revision
Pre-October 2002
SOIC & TSSOP (10-Digit)
New SOIC
(12-Digit)
New TSSOP
(10-Digit)
A
Zxxxxxxxxx
ZFBAAXxxxxxx
NAAXxxxxxx
A1
Rxxxxxxxxx
RFBAA1xxxxxx
NAA1xxxxxx
A2
N/A
RFBAA2xxxxxx
NAA2xxxxxx
Table 5. Second Line Part Marking
Revision
RFILT (kΩ)CFILT (μF)
CRIP (nF)
PLL Lock Time (ms)
A
0.909
1.8
33
56
A1
0.4
0.47
47
60
A2
0.4
0.47
47
60
Table 6. Locking to RXP/RXN - Fs = 8 to 96 kHz
Revision
RFILT (kΩ)CFILT (μF)
CRIP (nF)
PLL Lock Time (ms)
A*
3.0
0.047
2.2
35
A1*
1.2
0.1
4.7
35
A2
1.2
0.1
4.7
35
A2*
1.6
0.33
4.7
35
Table 7. Locking to RXP/RXN - Fs = 32 to 96 kHz
* Parts used in applications that are required to pass the AES3 or IEC60958-4 specification for re-
ceiver jitter tolerance should use these component values. Please note that the AES3 and IEC60958
specifications do not have allowances for locking to sample rates less than 32 kHz or for locking to
the ILRCK input. Also note that many factors can affect jitter performance in a system. Please follow
the circuit and layout recommendations outlined previously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com