Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZR Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8427-CSZR
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZR Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8427-CSZR Datasheet HTML 9Page - Cirrus Logic CS8427-CSZR Datasheet HTML 10Page - Cirrus Logic CS8427-CSZR Datasheet HTML 11Page - Cirrus Logic CS8427-CSZR Datasheet HTML 12Page - Cirrus Logic CS8427-CSZR Datasheet HTML 13Page - Cirrus Logic CS8427-CSZR Datasheet HTML 14Page - Cirrus Logic CS8427-CSZR Datasheet HTML 15Page - Cirrus Logic CS8427-CSZR Datasheet HTML 16Page - Cirrus Logic CS8427-CSZR Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
CS8427
DS477F4
13
Channel Status bits. The part also has a feature
that allows the first five bytes of Channel Status
memory to be configured and transmitted in each
channel status block without change. See “Appen-
dix A: External AES3/SPDIF/IEC60958 Transmit-
ter and Receiver Components” on page 50 for a
tutorial in Channel Status and User bit manage-
ment.
3.4
AES3 and S/PDIF Standards
Documents
This data sheet assumes that the user is familiar
with the AES3 and S/PDIF data formats. It is advis-
able to have current copies of the AES3 and
IEC60958 specifications on hand for easy refer-
ence.
The latest AES3 standard is available from the Au-
dio Engineering Society or ANSI at www.aes.org or
www.ansi.org. Obtain the latest IEC60958 stan-
dard from ANSI or from the International Electro-
technical Commission at www.iec.ch. The latest
EIAJ CP-1201 standard is available from the Jap-
anese Electronics Bureau.
Crystal Application Note AN22: Overview of Digital
Audio Interface Data Structures contains a useful
tutorial on digital audio specifications, but it should
not be considered a substitute for the standards.
The paper, An Understanding and Implementation
of the SCMS Serial Copy Management System for
Digital Audio Transmission, by Clifton Sanchez, is
an excellent tutorial on SCMS. It is available from
the AES as preprint 3518.
4. DATA I/O FLOW AND CLOCKING
OPTIONS
The CS8427 can be configured for several connec-
tivity alternatives, called data flows. Figure 7. “Soft-
ware Mode Audio Data Flow Switching Options” on
page 19 shows the data flow switching, along with
the control register bits which control the switches;
this drawing only shows the audio data paths for
simplicity. This drawing only shows the audio data
paths for simplicity. Figure 8 shows the internal
Figure 6. CS8427 Internal Block Diagram
Serial
Audio
Input
AES3
Encoder
Serial
Audio
Output
Receiver
RXP
RXN
ILRCK
ISCLK
SDIN
OLRCK
OSCLK
SDOUT
TXP
TXN
AES3
TXOFF
AESBP
SPD1-0
TXD1-0
Channel
Status
and
User Data
Recovery
Control
Port
Control
Registers
Channel
Status Bits
D
User Bits
D
EF
E
F
SDA/CDOUT
SCL/CCLK
AD1/CDIN
AD0/CS
INT
Output
Clock
Generator
OMCK
AD2/EMPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com