Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZR Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS8427-CSZR
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZR Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS8427-CSZR Datasheet HTML 17Page - Cirrus Logic CS8427-CSZR Datasheet HTML 18Page - Cirrus Logic CS8427-CSZR Datasheet HTML 19Page - Cirrus Logic CS8427-CSZR Datasheet HTML 20Page - Cirrus Logic CS8427-CSZR Datasheet HTML 21Page - Cirrus Logic CS8427-CSZR Datasheet HTML 22Page - Cirrus Logic CS8427-CSZR Datasheet HTML 23Page - Cirrus Logic CS8427-CSZR Datasheet HTML 24Page - Cirrus Logic CS8427-CSZR Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
CS8427
DS477F4
21
AES3
Encoder
&Driver
Serial
Audio
Output
OLRCK
OSCLK
SDOUT
TXP
TXN
PLL
RMCK
TXD1-0:
SPD1-0:
OUTC:
INC:
RXD1-0:
01
10
1
0
01
Clock Source Control Bits
Data Flow Control Bits
AES3
Rx &
Decode
RXP
RXN
Serial
Audio
Input
ILRCK
ISCLK
SDIN
Figure 9. AES3 Input to Serial Audio Output,
Serial Audio Input to AES3 Out
NOTE: Applications implementing both the Seri-
al Audio Output Port and the AES3 Transmitter
must operate at the same sample rate because
they are both controlled by the same clock
source.
OMCK
TXD1-0:
SPD1-0:
OUTC:
INC:
RXD1-0:
01
01
0
1
00
Clock Source Control Bits
Data Flow Control Bits
AES3
Rx &
Decode
I LRCK
ISCLK
SD IN
TXP
TXN
Serial
Audio
Input
Figure 11. Input Serial Port to AES3 Transmitter
without PLL
Serial
Audio
Output
OLRCK
OSCLK
SDOUT
PLL
RMCK
TXD1-0:
SPD1-0:
OUTC:
INC:
RXD1-0:
10
10
1
0
01
Clock Source Control Bits
Data Flow Control Bits
AES3
Rx &
Decode
RXP
RXN
TXOFF : 1
Figure 10. AES3 Input to Serial Audio Output Only
RMCK
TXD1-0:
SPD1-0:
OUTC:
INC:
RXD1-0:
01
01
1
0
00
Clock Source Control Bits
Data Flow Control Bits
AES3
Rx &
Decode
ILRCK
ISCLK
SD IN
TXP
TXN
Serial
Audio
Input
PLL
Figure 12. Input Serial Port to AES3 Transmitter
with PLL
NOTE: In this mode, ILRCK and ISCLK are
inputs only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com