Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZR Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS8427-CSZR
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZR Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS8427-CSZR Datasheet HTML 24Page - Cirrus Logic CS8427-CSZR Datasheet HTML 25Page - Cirrus Logic CS8427-CSZR Datasheet HTML 26Page - Cirrus Logic CS8427-CSZR Datasheet HTML 27Page - Cirrus Logic CS8427-CSZR Datasheet HTML 28Page - Cirrus Logic CS8427-CSZR Datasheet HTML 29Page - Cirrus Logic CS8427-CSZR Datasheet HTML 30Page - Cirrus Logic CS8427-CSZR Datasheet HTML 31Page - Cirrus Logic CS8427-CSZR Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
CS8427
28
DS477F4
11. CONTROL PORT REGISTER BIT DEFINITIONS
11.1 Control 1 (01h)
SWCLK - Controls output of OMCK on RMCK when PLL loses lock
Default = ‘0’
0 - RMCK default function
1 - OMCK output on RMCK pin
VSET - Transmitted Validity bit level
Default = ‘0’
0 - Indicates data is valid, linear PCM audio data
1 - Indicates data is invalid or not linear PCM audio data
MUTESAO - Mute control for the serial audio output port
Default = ‘0’
0 - Not Muted
1 - Muted
MUTEAES - Mute control for the AES transmitter output
Default = ‘0’
0 - Not Muted
1 - Muted
INT1:INT0 - Interrupt output pin (INT) control
Default = ‘00’
00 - Active high; high output indicates interrupt condition has occurred
01 - Active low, low output indicates an interrupt condition has occurred
10 - Open drain, active low. Requires an external pull up resistor on the INT pin.
11 - Reserved
TCBLD - Transmit Channel Status Block pin (TCBL) direction specifier
Default = ‘0’
0 - TCBL is an input
1 - TCBL is an output
11.2 Control 2 (02h)
HOLD1:HOLD0 - Determine how received audio sample is affected when a receiver error occurs
Default = ‘00’
00 - Hold the last valid audio sample
01 - Replace the current audio sample with 00 (mute)
10 - Do not change the received audio sample
11 - Reserved
RMCKF - Select recovered master clock output pin frequency.
Default = ‘0’
0 - RMCK is equal to 256 * Fsi
1 - RMCK is equal to 128 * Fsi
7
6
5
4
32
10
SWCLK
VSET
MUTESAO
MUTEAES
0
INT1
INT0
TCBLD
7
6
5
4
32
10
0
HOLD1
HOLD0
RMCKF
MMR
MMT
MMTCS
MMTLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com