Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5505 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5505
Description  Very Low Power, 16-Bit and 20-Bit A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5505 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5505 Datasheet HTML 1Page - Cirrus Logic CS5505 Datasheet HTML 2Page - Cirrus Logic CS5505 Datasheet HTML 3Page - Cirrus Logic CS5505 Datasheet HTML 4Page - Cirrus Logic CS5505 Datasheet HTML 5Page - Cirrus Logic CS5505 Datasheet HTML 6Page - Cirrus Logic CS5505 Datasheet HTML 7Page - Cirrus Logic CS5505 Datasheet HTML 8Page - Cirrus Logic CS5505 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5V DIGITAL CHARACTERISTICS (TA = TMIN to TMAX; VA+VD+ = 5V ± 10%; VA-= -5V ± 10%;
DGND = 0.) All measurements below are performed under static conditions. (Note 2)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage:
XIN
M/SLP
All Pins Except XIN and M/SLP
VIH
VIH
VIH
3.5
0.9VD+
2.0
-
-
-
-
-
-
V
V
V
Low-Level Input Voltage:
XIN
M/SLP
All Pins Except XIN and M/SLP
VIL
VIL
VIL
-
-
-
-
-
-
1.5
0.1VD+
0.8
V
V
V
M/SLP SLEEP Active Threshold
(Note 8)
VSLP
0.45VD+
0.5VD+
0.55VD+
V
High-Level Output Voltage
(Note 9)
VOH
(VD+)-1.0
-
-
V
Low Level Output Vol tage
Iout = 1.6 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-1
10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pi n Capacitance
Cout
-9
-
pF
Notes: 8. Under normal operation this pin should be tied to VD+ or DGND. Anytime the voltage on the M/SLP
pin enters the SLEEP active threshold range the device will enter the power down condition. Returning
to the active state requires elapse of the power-on reset period, the oscillator to start-up, and elapse
of the wake-up period.
9. Iout = -100 µA. This guarantees the ability to drive one TTL load. (VOH = 2.4V @ I out = -40 µA).
3.3V DIGITAL CHARACTERISTICS (TA = TMIN to TMAX; VA+ = 5V ± 10%; VD+ = 3.3V ± 5%;
VA-= -5V
± 10%; DGND = 0.) All measurements below are performed under static conditions. (Note 2)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage:
XIN
M/SLP
All Pins Except XIN and M/SLP
VIH
VIH
VIH
0.7VD+
0.9VD+
0.6VD+
-
-
-
-
-
-
V
V
V
Low-Level Input Voltage:
XIN
M/SLP
All Pins Except XIN and M/SLP
VIL
VIL
VIL
-
-
-
-
-
-
0.3VD+
0.1VD+
0.16VD+
V
V
V
M/SLP SLEEP Active Threshold
(Note 8)
VSLP
0.43VD+ 0.45VD+ 0.47VD+
V
High-Level Output Voltage
Iout = -400 µA
VOH
(VD+)-0.3
-
-
V
Low Level Output Vol tage
Iout = 400 µA
VOL
--
0.3
V
Input Leakage Current
Iin
-1
10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pi n Capacitance
Cout
-9
-
pF
CS5505/6/7/8
DS59F7
5
CS5505/6/7/8
DS59F7
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com