Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5505 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5505
Description  Very Low Power, 16-Bit and 20-Bit A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5505 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5505 Datasheet HTML 1Page - Cirrus Logic CS5505 Datasheet HTML 2Page - Cirrus Logic CS5505 Datasheet HTML 3Page - Cirrus Logic CS5505 Datasheet HTML 4Page - Cirrus Logic CS5505 Datasheet HTML 5Page - Cirrus Logic CS5505 Datasheet HTML 6Page - Cirrus Logic CS5505 Datasheet HTML 7Page - Cirrus Logic CS5505 Datasheet HTML 8Page - Cirrus Logic CS5505 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+ = 5V ± 10%; VA- = -5V ± 10%; VD+ =
3.3V
± 5%; VREF+ = 2.5V (external); VREF- = 0V; fCLK = 32.768kHz; Bipolar Mode; Rsource = 1kΩ with a
10nF to AGND at AIN; Analog input channel AIN1+; AIN- = AGND; unless otherwise specified.) (Notes 1, 2)
CS5505/7
CS5506/8
CS5507/8-S
Parameter*
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
-55 to +125
°C
Analog Input
Analog Input Range:
Unipolar
(VAIN+)-(VAIN-) Bi
polar
(Note 5)
0 to +2.5
±2.5
0 to +2.5
±2.5
Volts
Volts
Common Mode Rejection:
dc
50, 60 Hz (Note 6)
-
120
105
-
-
-
-
120
105
-
-
-
dB
dB
Off Channel Isolation
-
120
-
-
120
-
dB
Input Capacitance
-
15
-
-
15
-
pF
DC Bias Current
(Note 1)
-
5
-
-
5
-
nA
Voltage Reference (Output)
VREFOUT Voltage
-
(VA+)-2.5
-
-
(VA+)-2.5
-
Volts
VREFOUT Voltage Tolerance
-
-
4.0
-
-
4.0
%
VREFOUT Voltage Temperature Coefficient
-
60
-
-
60
-
ppm/
°C
VREFOUT Line Regulation
-
1.5
-
-
1.5
-
mV/Volt
VREFOUT Output Voltage Noise
0.1 to 10 Hz
-50
-
-50
-
µVp-p
VREFOUT: Sour
ce Current
Sink Current
-
-
-
-
3
50
-
-
-
-
3
50
µA
µA
Power Supplies
DC Power Supply Currents:
ITotal
IAnalog
IDigital
-
-
-
340
300
40
450
-
-
-
-
-
340
300
40
450
-
-
µA
µA
µA
Power Dissipation:
(Note 7)
SLEEP inactive
SLEEP active
-
-
3.2
5
4.5
10
-
-
3.2
10
4.5
25
mW
µW
Power Supply Rejection: Positive Supplies
Negative Supplies
-
-
80
80
-
-
-
-
80
80
-
-
dB
dB
Notes: 5. Common mode voltage may be at any value as long as AIN+ and AIN- remain within the VA+ and
VA- supply voltages.
6. XIN = 32.768 kHz. Guaranteed by design and / or characterization.
7. All outputs unloaded. Al l inputs CMOS levels. SLEEP mode controlled by M/SLP pin.
SLEEP active = M/SLP pin at (VD+)/2 input level.
CS5505/6/7/8
4
DS59F7
CS5505/6/7/8
4
DS59F7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com