Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5505 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5505
Description  Very Low Power, 16-Bit and 20-Bit A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5505 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5505 Datasheet HTML 1Page - Cirrus Logic CS5505 Datasheet HTML 2Page - Cirrus Logic CS5505 Datasheet HTML 3Page - Cirrus Logic CS5505 Datasheet HTML 4Page - Cirrus Logic CS5505 Datasheet HTML 5Page - Cirrus Logic CS5505 Datasheet HTML 6Page - Cirrus Logic CS5505 Datasheet HTML 7Page - Cirrus Logic CS5505 Datasheet HTML 8Page - Cirrus Logic CS5505 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+ = 5V ± 10%; VA- = -5V ± 10%; VD+ =
3.3V
± 5%; VREF+ = 2.5V (external); VREF- = 0V; fCLK = 32.768kHz; Bipolar Mode; Rsource = 1kΩ with a
10nF to AGND at AIN; Analog input channel AIN1+; AIN- = AGND; unless otherwise specified.) (Notes 1, 2)
CS5506/8-B
CS5508-S
Parameter*
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
-55 to +125
°C
Accuracy
Linearity Error
-
0.0007
0.0015
-
0.0015
0.003
±%FS
Differential Nonlinearity
(No Missing Codes)
20
-
-
20
-
-
Bits
Full Scale Error
(Note 3)
-
±4
±32
-
±8
±32
LSB20
Full Scale Drift
(Note 4)
-
±8
-
-
±32
-
LSB20
Unipolar Offset
(Note 3)
-
±8
±32
-
±16
±64
LSB20
Unipolar Offset Drift
(Note 4)
-
±8
-
-
±16
-
LSB20
Bipolar Offset
(Note 3)
-
±4
±16
-
±8
±32
LSB20
Bipolar Offset Drift
(Note 4)
-
±4
-
-
±8
-
LSB20
Noise (Referred to Output)
-
2.6
-
-
2.6
-
LSB-
rms20
Unipolar Mode
Bipolar Mode
mV
LSB’s
% FS
ppm FS
LSB’s
% FS
ppm FS
0.596
0.25
0.0000238
0.24
0.13
0.0000119
0.12
1.192
0.50
0.0000477
0.47
0.26
0.0000238
0.24
2.384
1.00
0.0000954
0.95
0.50
0.0000477
0.47
4.768
2.00
0.0001907
1.91
1.00
0.0000954
0.95
9.537
4.00
0.0003814
3.81
2.00
0.0001907
1.91
VREF = 2.5V
CS5506/8; 20-Bit Unit Conversion Factors
DYNAMIC CHARACTERISTICS
Parameter
Symbol
Ratio
Units
Modulator Sampling Frequency
fs
fclk/2
Hz
Output Update Rate (CONV = 1)
fout
fclk/1622
Sps
Filter Corner Frequency
f-3dB
fclk/1928
Hz
Settling Time to 1
⁄2 LSB (FS Step)
ts
1/fout
s
CS5505/6/7/8
DS59F7
3
CS5505/6/7/8
DS59F7
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com