Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5505 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5505
Description  Very Low Power, 16-Bit and 20-Bit A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5505 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5505 Datasheet HTML 1Page - Cirrus Logic CS5505 Datasheet HTML 2Page - Cirrus Logic CS5505 Datasheet HTML 3Page - Cirrus Logic CS5505 Datasheet HTML 4Page - Cirrus Logic CS5505 Datasheet HTML 5Page - Cirrus Logic CS5505 Datasheet HTML 6Page - Cirrus Logic CS5505 Datasheet HTML 7Page - Cirrus Logic CS5505 Datasheet HTML 8Page - Cirrus Logic CS5505 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+ = 5V ± 10%; VA- = -5V ± 10%; VD+ =
3.3V
± 5%; VREF+ = 2.5V(external); VREF- = 0V; fCLK = 32.768kHz; Bipolar Mode; Rsource = 1kΩ with a 10nF
to AGND at AIN; Anal og input channel AIN1+; AIN- = AGND; unless otherwise specified.) (Notes 1, 2)
CS5505/7-A
CS5507-S
Parameter*
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
-55 to +125
°C
Accuracy
Linearity Error
-
0.0015
0.003
-
0.0015
0.003
±%FS
Differential Nonlinearity
-
±0.25
±0.5
-
±0.25
±0.5
LSB16
Full Scale Error
(Note 3)
-
±0.25
±2
-
±0.5
±2
LSB16
Full Scale Drift
(Note 4)
-
±0.5
-
-
±2
-
LSB16
Unipolar Offset
(Note 3)
-
±0.5
±2
-
±1
±4
LSB16
Unipolar Offset Drift
(Note 4)
-
±0.5
-
-
±1
-
LSB16
Bipolar Offset
(Note 3)
-
±0.25
±1
-
±0.5
±2
LSB16
Bipolar Offset Drift
(Note 4)
-
±0.25
-
-
±0.5
-
LSB16
Noise (Referred to Output)
-
0.16
-
-
0.16
-
LSB-
rms16
Notes: 1. The AIN pin presents a very high input resistance at dc and a minor dynamic load which scales to the
master clock frequency. Both sour ce resistance and shunt capacitance are therefore critical in
determining the CS5505/6/7/8’s source impedance requirements. For more information refer to the
text section
Analog Input Impedance Consi derations.
2. Specifications guaranteed by desi gn, characterization and/or test.
3. Applies after calibration at the temperature of interest.
4. Total drift over the specified temperature range since calibration at power-up at 25
°C.
Recalibration at any temperature will remove these errors.
Specifications are subject to change without notice.
* Refer to the Specification Definitions immediately following the Pin Description Section.
Unipolar Mode
Bipolar Mode
mV
LSB’s
% FS
ppm FS
LSB’s
% FS
ppm FS
10
0.26
0.0004
4
0.13
0.0002
2
19
0.50
0.0008
8
0.26
0.0004
4
38
1.00
0.0015
15
0.50
0.0008
8
76
2.00
0.0030
30
1.00
0.0015
15
152
4.00
0.0061
61
2.00
0.0030
30
VREF = 2.5V
CS5505/7; 16-Bit Unit Conversion Factors
CS5505/6/7/8
2
DS59F7
CS5505/6/7/8
2
DS59F7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com