Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP606 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP606
Description  2.5V to 6.0V Micropower CMOS Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP606_09 Datasheet HTML 17Page - Microchip Technology MCP606_09 Datasheet HTML 18Page - Microchip Technology MCP606_09 Datasheet HTML 19Page - Microchip Technology MCP606_09 Datasheet HTML 20Page - Microchip Technology MCP606_09 Datasheet HTML 21Page - Microchip Technology MCP606_09 Datasheet HTML 22Page - Microchip Technology MCP606_09 Datasheet HTML 23Page - Microchip Technology MCP606_09 Datasheet HTML 24Page - Microchip Technology MCP606_09 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
© 2009 Microchip Technology Inc.
DS11177F-page 21
MCP606/7/8/9
5.0
DESIGN AIDS
Microchip provides the basic design tools needed for
the MCP606/7/8/9 family of op amps.
5.1
SPICE Macro Model
The latest SPICE macro model for the MCP606/7/8/9
op amps is available on the Microchip web site at
www.microchip.com. This model is intended to be an
initial design tool that works well in the op amp’s linear
region of operation over the temperature range. See
the model file for information on its capabilities.
Bench testing is a very important part of any design and
cannot be replaced with simulations. Also, simulation
results using this macro model need to be validated by
comparing them to the data sheet specifications and
characteristic curves.
5.2
FilterLab® Software
Microchip’s FilterLab® software is an innovative
software tool that simplifies analog active filter (using
op amps) design. Available at no cost from the
Microchip web site at www.microchip.com/filterlab, the
FilterLab design tool provides full schematic diagrams
of the filter circuit with component values. It also
outputs the filter circuit in SPICE format, which can be
used with the macro model to simulate actual filter
performance.
5.3
Mindi™ Circuit Designer &
Simulator
Microchip’s Mindi™ Circuit Designer & Simulator aids
in the design of various circuits useful for active filter,
amplifier and power-management applications. It is a
free online circuit designer & simulator available from
the Microchip web site at www.microchip.com/mindi.
This interactive circuit designer & simulator enables
designers
to
quickly
generate
circuit
diagrams,
simulate circuits. Circuits developed using the Mindi
Circuit Designer & Simulator can be downloaded to a
personal computer or workstation.
5.4
Microchip Advanced Part Selector
(MAPS)
MAPS is a software tool that helps semiconductor
professionals efficiently identify Microchip devices that
fit a particular design requirement. Available at no cost
from the Microchip website at www.microchip.com/
maps, the MAPS is an overall selection tool for
Microchip’s product portfolio that includes Analog,
Memory, MCUs and DSCs. Using this tool you can
define a filter to sort features for a parametric search of
devices and export side-by-side technical comparasion
reports. Helpful links are also provided for Datasheets,
Purchase, and Sampling of Microchip parts.
5.5
Analog Demonstration and
Evaluation Boards
Microchip
offers
a
broad
spectrum
of
Analog
Demonstration
and
Evaluation
Boards
that
are
designed to help you achieve faster time to market. For
a
complete
listing
of
these
boards
and
their
corresponding user’s guides and technical information,
visit the Microchip web site at www.microchip.com/
analogtools.
Two of our boards that are especially useful are:
• 8-Pin SOIC/MSOP/TSSOP/DIP Evaluation Board,
P/N SOIC8EV
• 14-Pin SOIC/TSSOP/DIP Evaluation Board, P/N
SOIC14EV
5.6
Application Notes
The following Microchip Application Notes are avail-
able on the Microchip web site at www.microchip. com/
appnotes and are recommended as supplemental
reference resources.
•
ADN003: “Select the Right Operational Amplifier
for your Filtering Circuits”, DS21821
•
AN722: “Operational Amplifier Topologies and DC
Specifications”, DS00722
•
AN723: “Operational Amplifier AC Specifications
and Applications”, DS00723
•
AN884: “Driving Capacitive Loads With Op
Amps”, DS00884
•
AN990: “Analog Sensor Conditioning Circuits –
An Overview”, DS00990
These application notes and others are listed in the
design guide:
“Signal Chain Design Guide”, DS21825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com