Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP606 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP606
Description  2.5V to 6.0V Micropower CMOS Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP606_09 Datasheet HTML 9Page - Microchip Technology MCP606_09 Datasheet HTML 10Page - Microchip Technology MCP606_09 Datasheet HTML 11Page - Microchip Technology MCP606_09 Datasheet HTML 12Page - Microchip Technology MCP606_09 Datasheet HTML 13Page - Microchip Technology MCP606_09 Datasheet HTML 14Page - Microchip Technology MCP606_09 Datasheet HTML 15Page - Microchip Technology MCP606_09 Datasheet HTML 16Page - Microchip Technology MCP606_09 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
© 2009 Microchip Technology Inc.
DS11177F-page 13
MCP606/7/8/9
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are high-
impedance CMOS inputs with low bias currents.
3.3
Chip Select Digital Input
The Chip Select (CS) pin is a Schmitt-triggered, CMOS
logic input. It is used to place the MCP608 op amp in a
Low-power mode, with the output(s) in a Hi-Z state.
3.4
Power Supply Pins
The positive power supply pin (VDD) is 2.5V to 5.5V
higher than the negative power supply pin (VSS). For
normal operation, the output pins are at voltages
between VSS and VDD; while the input pins are at
voltages between VSS – 0.3V and VDD +0.3V.
Typically, these parts are used in a single-supply
(positive) configuration. In this case, VSS is connected
to ground and VDD is connected to the supply. VDD will
need bypass capacitors .
MCP606
MCP607
MCP608
MCP609
Symbol
Description
PDIP, SOIC,
TSSOP
SOT-23-5
61
1
6
1
VOUT, VOUTA Output (op amp A)
24
2
2
2
VIN–, VINA–
Inverting Input (op amp A)
33
3
3
3
VIN+, VINA+
Non-inverting Input (op amp A)
75
8
7
4
VDD
Positive Power Supply
——
5
—
5
VINB+
Non-inverting Input (op amp B)
——
6
—
6
VINB–
Inverting Input (op amp B)
——
7
—
7
VOUTB
Output (op amp B)
——
—
—
8
VOUTC
Output (op amp B)
——
—
—
9
VINC–
Inverting Input (op amp C)
——
—
—
10
VINC+
Non-inverting Input (op amp C)
42
4
4
11
VSS
Negative Power Supply
——
—
—
12
VIND+
Non-inverting Input (op amp D)
——
—
—
13
VIND–
Inverting Input (op amp D)
——
—
—
14
VOUTD
Output (op amp D)
——
—
8
—
CS
Chip Select
1, 5, 8
—
—
1, 5
—
NC
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com