Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP606 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP606
Description  2.5V to 6.0V Micropower CMOS Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 1 Page - Microchip Technology

  MCP606_09 Datasheet HTML 1Page - Microchip Technology MCP606_09 Datasheet HTML 2Page - Microchip Technology MCP606_09 Datasheet HTML 3Page - Microchip Technology MCP606_09 Datasheet HTML 4Page - Microchip Technology MCP606_09 Datasheet HTML 5Page - Microchip Technology MCP606_09 Datasheet HTML 6Page - Microchip Technology MCP606_09 Datasheet HTML 7Page - Microchip Technology MCP606_09 Datasheet HTML 8Page - Microchip Technology MCP606_09 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© 2009 Microchip Technology Inc.
DS11177F-page 1
MCP606/7/8/9
Features
• Low Input Offset Voltage: 250 µV (maximum)
• Rail-to-Rail Output
• Low Input Bias Current: 80 pA (maximum at
+85°C)
• Low Quiescent Current: 25 µA (maximum)
• Power Supply Voltage: 2.5V to 6.0V
• Unity-Gain Stable
• Chip Select (CS) Capability:
MCP608
• Industrial Temperature Range: -40°C to +85°C
• No Phase Reversal
• Available in Single, Dual and Quad Packages
Typical Applications
• Battery Power Instruments
• High-Impedance Applications
• Strain Gauges
• Medical Instruments
• Test Equipment
Design Aids
• SPICE Macro Models
• FilterLab® Software
• Mindi™ Circuit Designer & Simulator
• Analog Demonstration and Evaluation Boards
• Application Notes
Typical Application
Description
The MCP606/7/8/9 family of operational amplifiers (op
amps) from Microchip Technology Inc. are unity-gain
stable with low offset voltage (250 µV, maximum).
Performance characteristics include rail-to-rail output
swing capability and low input bias current (80 pA at
+85°C, maximum). These features make this family of
op amps well suited for single-supply, precision,
high-impedance, battery-powered applications.
The single is available in standard 8-lead PDIP, SOIC
and TSSOP packages, as well as in a SOT-23-5
package. The single MCP608 with Chip Select (CS) is
offered in the standard 8-lead PDIP, SOIC and TSSOP
packages. The dual MCP607 is offered in the standard
8-lead PDIP, SOIC and TSSOP packages. Finally, the
quad MCP609 is offered in the standard 14-lead PDIP,
SOIC and TSSOP packages. All devices are fully
specified from -40°C to +85°C, with power supplies
from 2.5V to 6.0V.
Package Types
Low-Side Battery Current Sensor
RF
To Load
2.5V
RG
5k
Ω
50 k
Ω
To Load
VOUT
RSEN
10
Ω
(VLM)
(VLP)
IL
to
6.0V
V
OUT
V
LM
I
+
L
R
SEN
R
F
R
G
⁄
()
=
MCP606
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
NC
NC
PDIP, SOIC,TSSOP
PDIP, SOIC,TSSOP
PDIP, SOIC,TSSOP
PDIP, SOIC,TSSOP
SOT-23-5
VIN+
VSS
VIN–
1
2
3
5
4
VDD
VOUT
VINA+
VINA–
VSS
VOUTB
VINB–
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
CS
NC
VINA+
VINA–
VDD
VIND–
VIND+
1
2
3
4
14
13
12
11 VSS
VOUTD
VOUTA
VINB–
VINB+
VOUTB
VINC+
VINC–
5
6
7
10
9
8 VOUTC
MCP606
MCP606
MCP607
MCP608
MCP609
2.5V to 6.0V Micropower CMOS Op Amp


Similar Part No. - MCP606_09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP606 MICROCHIP-MCP606_05 Datasheet
510Kb / 30P
2.5V TO 5.5V MICROPOWER CMOS OP AMPS
2005
More results

Similar Description - MCP606_09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP606 MICROCHIP-MCP606_05 Datasheet
510Kb / 30P
2.5V TO 5.5V MICROPOWER CMOS OP AMPS
2005
MCP601 MICROCHIP-MCP601_07 Datasheet
611Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP602T-I MICROCHIP-MCP602T-I Datasheet
612Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP609-I MICROCHIP-MCP609-I Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
MCP604T-I MICROCHIP-MCP604T-I Datasheet
612Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP601T-E MICROCHIP-MCP601T-E Datasheet
497Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP602-E MICROCHIP-MCP602-E Datasheet
497Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP607-I MICROCHIP-MCP607-I Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP607-I MICROCHIP-MCP607-I Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP606 MICROCHIP-MCP606 Datasheet
709Kb / 36P
2.5V TO 5.5V MICROPOWER CMOS OP AMPS
06/01/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com