Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP606 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP606
Description  2.5V to 6.0V Micropower CMOS Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP606_09 Datasheet HTML 3Page - Microchip Technology MCP606_09 Datasheet HTML 4Page - Microchip Technology MCP606_09 Datasheet HTML 5Page - Microchip Technology MCP606_09 Datasheet HTML 6Page - Microchip Technology MCP606_09 Datasheet HTML 7Page - Microchip Technology MCP606_09 Datasheet HTML 8Page - Microchip Technology MCP606_09 Datasheet HTML 9Page - Microchip Technology MCP606_09 Datasheet HTML 10Page - Microchip Technology MCP606_09 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
© 2009 Microchip Technology Inc.
DS11177F-page 7
MCP606/7/8/9
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, V
DD = +2.5V to +5.5V, VSS = GND, TA =+25°C, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 100 kΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-1:
Input Offset Voltage at
VDD =5.5V.
FIGURE 2-2:
Input Offset Voltage at
VDD =2.5V.
FIGURE 2-3:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-4:
Input Offset Voltage Drift
Magnitude at VDD =5.5V.
FIGURE 2-5:
Input Offset Voltage Drift
Magnitude at VDD =2.5V.
FIGURE 2-6:
Quiescent Current vs.
Ambient Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
16%
Input Offset Voltage (µV)
1200 Samples
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
Input Offset Voltage (µV)
1200 Samples
VDD = 2.5V
0
2
4
6
8
10
12
14
16
18
20
22
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
TA = +85°C
TA = +25°C
TA = -40°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
-8
-6
-4
-2
02468
Input Offset Voltage Drift (µV/°C)
206 Samples
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
-8
-6
-4
-2
0
2
4
6
8
Input Offset Voltage Drift (µV/°C)
206 Samples
VDD = 2.5V
12
14
16
18
20
22
24
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
VDD = 5.5V
VDD = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com