Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDx Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 158Page - STMicroelectronics ST7263BDx Datasheet HTML 159Page - STMicroelectronics ST7263BDx Datasheet HTML 160Page - STMicroelectronics ST7263BDx Datasheet HTML 161Page - STMicroelectronics ST7263BDx Datasheet HTML 162Page - STMicroelectronics ST7263BDx Datasheet HTML 163Page - STMicroelectronics ST7263BDx Datasheet HTML 164Page - STMicroelectronics ST7263BDx Datasheet HTML 165Page - STMicroelectronics ST7263BDx Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 186 page
background image
Electrical characteristics
ST7263Bxx
162/186
Doc ID 7516 Rev 8
Table 77 gives the values to be written in the I2CCCR register to obtain the required I2C
SCL line frequency.
13.11
8-bit ADC
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Table 77.
SCL frequency(1)(2)(3)(4)
fSCL
(kHz)
I2CCCR Value
fCPU=4 MHz
fCPU=8 MHz
VDD = 4.1 V
VDD = 5 V
VDD = 4.1 V
VDD = 5 V
RP=3.3 kΩ RP=4.7 kΩ RP=3.3 kΩ RP=4.7 kΩ RP=3.3 kΩ RP=4.7 kΩ RP=3.3 kΩ RP=4.7 kΩ
400
NA
NA
NA
NA
83h
83
83h
83h
300
NA
NA
NA
NA
85h
85h
85h
85h
200
83h
83h
83h
83h
8Ah
89h
8Ah
8Ah
100
10h
10h
10h
10h
24h
23h
24h
23h
50
24h
24h
24h
24h
4Ch
4Ch
4Ch
4Ch
20
5Fh
5Fh
5Fh
5Fh
FFh
FFh
FFh
FFh
1.
Legend: RP = External pull-up resistance; fSCL = I
2C speed; NA = not achievable.
2.
The above variations depend on the accuracy of the external components used.
3.
For speeds around 200 kHz, achieved speed can have
±5% tolerance.
4.
For other speed ranges, achieved speed can have
±2% tolerance.
Table 78.
8-bit ADC characteristics
Symbol
Parameter
Conditions
Min
Typ(1)
1.
Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V.
Max
Unit
fADC
ADC clock frequency
-
-
4
MHz
VAIN
Conversion range voltage(2)
2.
When VDDA and VSSA pins are not available on the pinout, the ADC refer to VDD and VSS.
VSSA
-VDDA
V
RAIN
External input resistor
-
-
10(3)
3.
Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than
10k
Ω). Data based on characterization results, not tested in production.
κΩ
CADC
Internal sample and hold
capacitor
-6
-
pF
tSTAB
Stabilization time after ADC
enable
fCPU=8 MHz,
fADC=2 MHz
0(4)
4.
The stabilization time of the AD converter is masked by the first tLOAD. The first conversion after the enable
is then always valid.
µs
tADC
Conversion time (Sample+Hold)
6
- Sample capacitor loading time
- Hold conversion time
4
8
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com