Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDx Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 159Page - STMicroelectronics ST7263BDx Datasheet HTML 160Page - STMicroelectronics ST7263BDx Datasheet HTML 161Page - STMicroelectronics ST7263BDx Datasheet HTML 162Page - STMicroelectronics ST7263BDx Datasheet HTML 163Page - STMicroelectronics ST7263BDx Datasheet HTML 164Page - STMicroelectronics ST7263BDx Datasheet HTML 165Page - STMicroelectronics ST7263BDx Datasheet HTML 166Page - STMicroelectronics ST7263BDx Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 186 page
background image
ST7263Bxx
Electrical characteristics
Doc ID 7516 Rev 8
163/186
Figure 77.
Typical application with ADC
Table 79.
ADC accuracy with VDD=5 V, fCPU= 8 MHz, fADC=4 MHz, RAIN< 10 κΩ
Symbol
Parameter
Typ
Max(1)(2)
1.
Data based on characterization results over the whole temperature range, not tested in production.
2.
Data based on characterization results, to guarantee 99.73% within ± max value from 0 to 70 °C ( ± 3s
distribution limits).
|ET|
Total unadjusted error(3)
3.
ADC Accuracy vs. Negative Injection Current:
For IINJ-=0.8mA, the typical leakage induced inside the die is 1.6µA and the effect on the ADC accuracy is
a loss of 1 LSB for each 10K
Ω increase of the external analog source impedance. This effect on the ADC
accuracy has been observed under worst-case conditions for injection:
- negative injection
- injection to an input with analog capability, adjacent to the enabled Analog input
- at 5V VDD supply, and worst case temperature.
1.5
2
|EO|
Offset error(3)
0.5
1
|EG|
Gain Error(3)
0.5
1.5
|ED|
Differential linearity error(3)
11.5
|EL|
Integral linearity error(3)
11.5
AINx
ST72XXX
CIO
~2pF
VDD
IL
±1
μA
VT
0.6V
VT
0.6V
VAIN
RAIN
VDDA
VSSA
0.1
μF
VDD
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com