Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 49Page - STMicroelectronics ST7263BEx Datasheet HTML 50Page - STMicroelectronics ST7263BEx Datasheet HTML 51Page - STMicroelectronics ST7263BEx Datasheet HTML 52Page - STMicroelectronics ST7263BEx Datasheet HTML 53Page - STMicroelectronics ST7263BEx Datasheet HTML 54Page - STMicroelectronics ST7263BEx Datasheet HTML 55Page - STMicroelectronics ST7263BEx Datasheet HTML 56Page - STMicroelectronics ST7263BEx Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 186 page
background image
ST7263Bxx
Miscellaneous register
Doc ID 7516 Rev 8
53/186
10
Miscellaneous register
Miscellaneous register (MISCR)
Address: 0009h
Reset value: 0000 0000 (00h)
7
0
--
--
-
SMS
USBOE
MCO
Read/write
[7:3]
Reserved
2
SMS Slow mode Select.
This bit is set by software and only cleared by hardware after a reset. If this
bit is set, it enables the use of an internal divide-by-2 clock divider (refer to
Figure 18 on page 36). The SMS bit has no effect on the USB frequency.
0: Divide-by-2 disabled and CPU clock frequency is standard
1: Divide-by-2 enabled and CPU clock frequency is halved.
1
USBOE USB enable.
If this bit is set, the port PC2 (PB1 on SO24) outputs the USB output enable
signal (at “1” when the ST7 USB is transmitting data).
Unused bits 7-4 are set.
0
MCO Main Clock Out selection
This bit enables the MCO alternate function on the PA0 I/O port. It is set and
cleared by software.
0: MCO alternate function disabled (I/O pin free for general-purpose I/O)
1: MCO alternate function enabled (fCPU on I/O port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com