Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 36Page - STMicroelectronics ST7263BEx Datasheet HTML 37Page - STMicroelectronics ST7263BEx Datasheet HTML 38Page - STMicroelectronics ST7263BEx Datasheet HTML 39Page - STMicroelectronics ST7263BEx Datasheet HTML 40Page - STMicroelectronics ST7263BEx Datasheet HTML 41Page - STMicroelectronics ST7263BEx Datasheet HTML 42Page - STMicroelectronics ST7263BEx Datasheet HTML 43Page - STMicroelectronics ST7263BEx Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 186 page
background image
Power saving modes
ST7263Bxx
40/186
Doc ID 7516 Rev 8
8
Power saving modes
8.1
Introduction
To give a large measure of flexibility to the application in terms of power consumption, two
main power saving modes are implemented in the ST7.
After a Reset, the normal operating mode is selected by default (Run mode). This mode
drives the device (CPU and embedded peripherals) by means of a master clock which is
based on the main oscillator frequency divided by 3 (fCPU).
From Run mode, the different power saving modes may be selected by setting the relevant
register bits or by calling the specific ST7 software instruction whose action depends on the
oscillator status.
8.2
Halt mode
The MCU consumes the least amount of power in Halt mode. The Halt mode is entered by
executing the Halt instruction. The internal oscillator is then turned off, causing all internal
processing to be stopped, including the operation of the on-chip peripherals.
When entering Halt mode, the I bit in the Condition Code register is cleared. Thus, all
external interrupts (ITi or USB end suspend mode) are allowed and if an interrupt occurs,
the CPU clock becomes active.
The MCU can exit Halt mode on reception of either an external interrupt on ITi, an end
suspend mode interrupt coming from USB peripheral, or a reset. The oscillator is then
turned on and a stabilization time is provided before releasing CPU operation. The
stabilization time is 4096 CPU clock cycles.
After the start up delay, the CPU continues operation by servicing the interrupt which wakes
it up or by fetching the reset vector if a reset wakes it up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com