Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 14Page - STMicroelectronics ST7263BEx Datasheet HTML 15Page - STMicroelectronics ST7263BEx Datasheet HTML 16Page - STMicroelectronics ST7263BEx Datasheet HTML 17Page - STMicroelectronics ST7263BEx Datasheet HTML 18Page - STMicroelectronics ST7263BEx Datasheet HTML 19Page - STMicroelectronics ST7263BEx Datasheet HTML 20Page - STMicroelectronics ST7263BEx Datasheet HTML 21Page - STMicroelectronics ST7263BEx Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 186 page
background image
Pin description
ST7263Bxx
18/186
Doc ID 7516 Rev 8
15 16 23 29 PB2/AIN2
I/O
CT 10mA X
X
X
Port B2
ADC analog input 2
16 17 24 30 PB1/AIN1
I/O
CT 10mA X
X
X
Port B1
ADC analog input 1
17 18 25 31 PB0/AIN0
I/O
CT 10mA X
X
X
Port B0
ADC analog input 0
18 19 26 32 PA7/OCMP2/IT4
I/O
CT
X
X
X
Port A7
Timer output
Compare 2
19 20 27 33 PA6/OCMP1/IT3
I/O
CT
X
X
X
Port A6
Timer output
Compare 1
20 21 28 34 PA5/ICAP2/IT2
I/O
CT
X
X
X
Port A5
Timer input
Capture 2
21 22 29 35 PA4/ICAP1/IT1
I/O
CT
X
X
X
Port A4
Timer input
Capture 1
22 23 30 36 PA3/EXTCLK
I/O
CT
X
X
Port A3
Timer External
clock
23 24 31 38 PA2/SCL/ICCCLK
I/O
CT 25mA X
T
Port A2
I²C serial clock,
ICC clock
-
-
32 39 PD0(1)/AIN8
I/O
CT
X
X
X
Port D0
ADC analog input 8
-
-
33 40 PD1(1)/AIN9
I/O
CT
X
X
X
Port D1
ADC analog input 9
-
-
34 41 PD2(1)/AIN10
I/O
CT
XX
X
Port D2
ADC analog input
10
-
-
35 42 PD3(1)/AIN11
I/O
CT
XX
X
Port D3
ADC analog input
11
-
-
36 43 PD4(1)
I/O
CT
XX
Port D4
-
-
37 44 PD5(1)
I/O
CT
XX
Port D5
-
-
38 45 PD6(1)
I/O
CT
XX
Port D6
-
-
39 46 PD7(1)
I/O
CT
XX
Port D7
-
25
-
-
NC
--
Not connected
24 26
-
-
NC
--
Not connected
25 27
-
-
NC
--
Not connected
26 28 40 47 PA1/SDA/ICCDATA
I/O
CT 25mA X
T
Port A1
I²C serial data, ICC
data
27 29
1
48 PA0/MCO
I/O
CT
X
X
Port A0
Main clock output
28 30
2
1
VSSA
S
Analog ground
29 31
3
2
USBDP
I/O
USB bidirectional data (data +)
30 32
4
3
USBDM
I/O
USB bidirectional data (data -)
Table 3.
Device pin description (QFN40, LQFP48, SO34 and SDIP32) (continued)
Pin n°
Pin name
Level
Port /control
Main
function
(after
reset)
Alternate function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com