Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 46Page - STMicroelectronics ST7263BEx Datasheet HTML 47Page - STMicroelectronics ST7263BEx Datasheet HTML 48Page - STMicroelectronics ST7263BEx Datasheet HTML 49Page - STMicroelectronics ST7263BEx Datasheet HTML 50Page - STMicroelectronics ST7263BEx Datasheet HTML 51Page - STMicroelectronics ST7263BEx Datasheet HTML 52Page - STMicroelectronics ST7263BEx Datasheet HTML 53Page - STMicroelectronics ST7263BEx Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 186 page
background image
I/O ports
ST7263Bxx
50/186
Doc ID 7516 Rev 8
9.3.4
Port D
9.3.5
Register description
DATA registers (PxDR)
Address
Port A Data register (PADR): 0000h
Port B Data register (PBDR): 0002h
Port C Data register (PCDR): 0004h
Port D Data register (PDDR): 0006h
Reset value
Port A: 0000 0000 (00h)
Port B: 0000 0000 (00h)
Port C: 1111 x000 (FXh)
Port D: 0000 0000 (00h)
Note:
For Port C, unused bits (7-3) are not accessible.
The DR register has a specific behavior according to the selected input/output configuration.
Writing the DR register is always taken into account even if the pin is configured as an input.
Reading the DR register returns either the DR register latch content (pin configured as
output) or the digital value applied to the I/O pin (pin configured as input).
Note:
When using open-drain I/Os in output configuration, the value read in DR is the digital value
applied to the I/Opin.
Table 15.
Port D description
Port D
I / O
Alternate function
Input(1)
Output
Signal
Condition
PD0
without pull-up
push-pull
Analog input (ADC)
CH[3:0] = 1000
(ADCCSR)
PD1
without pull-up
push-pull
Analog input (ADC)
CH[3:0] = 1001
(ADCCSR)
PD2
without pull-up
push-pull
Analog input (ADC)
CH[3:0] = 1010
(ADCCSR)
PD3
without pull-up
push-pull
Analog input (ADC)
CH[3:0] = 1011
(ADCCSR)
PD4
with pull-up
push-pull
PD5
with pull-up
push-pull
PD6
with pull-up
push-pull
PD7
with pull-up
push-pull
1.
Reset state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com