Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F102C4 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32F102C4
Description  Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102C4 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32F102C4 Datasheet HTML 61Page - STMicroelectronics STM32F102C4 Datasheet HTML 62Page - STMicroelectronics STM32F102C4 Datasheet HTML 63Page - STMicroelectronics STM32F102C4 Datasheet HTML 64Page - STMicroelectronics STM32F102C4 Datasheet HTML 65Page - STMicroelectronics STM32F102C4 Datasheet HTML 66Page - STMicroelectronics STM32F102C4 Datasheet HTML 67Page - STMicroelectronics STM32F102C4 Datasheet HTML 68Page - STMicroelectronics STM32F102C4 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
Revision history
STM32F102x4, STM32F102x6
68/69
Doc ID 15057 Rev 3
8
Revision history
Table 53.
Document revision history
Date
Revision
Changes
23-Sep-2008
1
Initial release.
09-Apr-2009
2
I/O information clarified on page 1. Figure 1: STM32F102xx low-density
USB access line block diagram and Figure 5: Memory map modified.
In Table 4: low-density STM32F102xx pin definitions: PB4, PB13, PB14,
PB15, PB3/TRACESWO moved from Default column to Remap column,
Note 4 added.
PD value added for LQFP64 package in Table 8: General operating
conditions.
Note modified in Table 12: Maximum current consumption in Run mode,
code with data processing running from Flash and Table 14: Maximum
current consumption in Sleep mode, code running from Flash or RAM.
Figure 13, Figure 14 and Figure 15 show typical curves.
Figure 27: ADC accuracy characteristics modified.
Figure 29: Power supply and reference decoupling modified. Small text
changes.
Table 19: High-speed external user clock characteristics and Table 20:
Low-speed external user clock characteristics modified.
ACCHSI max values modified in Table 23: HSI oscillator characteristics.
24-Sep-2009
3
Note 5 updated and Note 4 added in Table 4: low-density STM32F102xx
pin definitions. Typical IDD_VBAT value added in Table 15: Typical and
maximum current consumptions in Stop and Standby modes. Figure 12:
Typical current consumption on VBAT with RTC on versus temperature at
different VBAT values added.
fHSE_ext min modified in Table 19: High-speed external user clock
characteristics.
CL1 and CL2 replaced by C in Table 21: HSE 4-16 MHz oscillator
characteristics and Table 22: LSE oscillator characteristics (fLSE =
32.768 kHz), notes modified and moved below the tables. Table 23: HSI
oscillator characteristics modified. Conditions removed from Table 25:
Low-power mode wakeup timings.
Note 1 modified below Figure 18: Typical application with an 8 MHz
crystal.
Figure 21: Recommended NRST pin protection modified.
IEC 1000 standard updated to IEC 61000 and SAE J1752/3 updated to
IEC 61967-2 in Section 5.3.10: EMC characteristics on page 44.
Jitter added to Table 26: PLL characteristics.
CADC and RAIN parameters modified in Table 44: ADC characteristics.
RAIN max values modified in Table 45: RAIN max for fADC = 12 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com