Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB50 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PB50
Description  Power Booster Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PB50 Datasheet(HTML) 1 Page - Cirrus Logic

  PB50 Datasheet HTML 1Page - Cirrus Logic PB50 Datasheet HTML 2Page - Cirrus Logic PB50 Datasheet HTML 3Page - Cirrus Logic PB50 Datasheet HTML 4Page - Cirrus Logic PB50 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PB50
PB50U
1
PB50
FEATURES
•WIDESUPPLYRANGE—±30Vto±100V
•HIGHOUTPUTCURRENT—Upto2AContinuous
•VOLTAGEANDCURRENTGAIN
•HIGHSLEWRATE—
50V/µsMinimum
•PROGRAMMABLEOUTPUTCURRENTLIMIT
•HIGHPOWERBANDWIDTH—160kHzMinimum
•LOWQUIESCENTCURRENT—12mATypical
APPLICATIONS
•HIGHVOLTAGEINSTRUMENTATION
•ElectrostaticTRANSDUCERS&DEFLECTION
•ProgrammablePowerSuppliesUpto180Vp-p
DESCRIPTION
The PB50 is a high voltage, high current amplifier designed
to provide voltage and current gain for a small signal, general
purpose op amp. Including the power booster within the feed-
back loop of the driver amplifier results in a composite amplifier
with the accuracy of the driver and the extended output voltage
range and current capability of the booster.The PB50 can also
be used without a driver in some applications, requiring only
an external current limit resistor to function properly.
The output stage utilizes complementary MOSFETs, provid-
ing symmetrical output impedance and eliminating secondary
breakdown limitations imposed by Bipolar Junction Transis-
tors. Internal feedback and gainset resistors are provided for
a pin-strappable gain of 3. Additional gain can be achieved
with a single external resistor. Compensation is not required
for most driver/gain configurations, but can be accomplished
with a single external capacitor. Although the booster can
be configured quite simply, enormous flexibility is provided
through the choice of driver amplifier, current limit, supply
voltage, voltage gain, and compensation.
This hybrid circuit utilizes a beryllia (BeO) substrate, thick
film resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is electrically isolated and hermetically sealed using
one-shot resistance welding.The use of compressible isolation
washers voids the warranty.
TYPICALAPPLICATION
Figure 1. Inverting composite amplifier.
OP
AMP
PB50
C
F
R
F
V
IN
R
I
+15V
–15V
IN
COM
+Vs
–Vs
R
CL
OUT
C
C
R
G
R
L
EQUIVALENTSCHEMATIC
EXTERNALCONNECTIONS
3
1
2
6
8
5
4
7
IN
GAIN
COM
COMP
Q1
Q4
Q2
Q3
Q5
Q6
Q7
Q8
Q10
Q9
+Vs
OUT
CL
–Vs
6.2K
50K
3.1K
1
2
3
4
5
6
7
8
TOP VIEW
CL
+Vs
IN
COM
–Vs
GAIN
R
G
COMP CC
OUT
R
CL
8-PINTO-3
PACKAGESTYLECE
Power Booster Amplifier
PB50
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − PB50UREVJ


Similar Part No. - PB50

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PB50 APEX-PB50 Datasheet
246Kb / 4P
POWER BOOSTER AMPLIFIER
PB50 APEX-PB50 Datasheet
256Kb / 4P
POWER BOOSTER AMPLIFIER
logo
RFE international
PB50005 RFE-PB50005 Datasheet
2Mb / 3P
Bridge Rectifiers
12-14-2022
PB5001 RFE-PB5001 Datasheet
2Mb / 3P
Bridge Rectifiers
12-14-2022
PB5002 RFE-PB5002 Datasheet
2Mb / 3P
Bridge Rectifiers
12-14-2022
More results

Similar Description - PB50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1438R MOTOROLA-MC1438R Datasheet
377Kb / 6P
OPERATIONAL AMPLIFIERS POWER BOOSTER
logo
Cirrus Logic
PB50 APEX-PB50 Datasheet
246Kb / 4P
POWER BOOSTER AMPLIFIER
logo
List of Unclassifed Man...
PB58 ETC-PB58 Datasheet
69Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Cirrus Logic
EK29 APEX-EK29 Datasheet
249Kb / 3P
POWER BOOSTER EVALUATION KIT
PB58 APEX-PB58 Datasheet
250Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Fairchild Semiconductor
KSB817 FAIRCHILD-KSB817 Datasheet
56Kb / 5P
Audio Power Amplifier Car Booster Output Amplifier DC to DC Converter
logo
Cirrus Logic
PB50 APEX-PB50_06 Datasheet
256Kb / 4P
POWER BOOSTER AMPLIFIER
PB51 CIRRUS-PB51 Datasheet
148Kb / 4P
Power Booster Amplifier
PB58 CIRRUS-PB58 Datasheet
210Kb / 5P
Power Booster Amplifier
logo
Texas Instruments
PT7742-3.3V TI1-PT7742-3.3V Datasheet
392Kb / 3P
Current Booster
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com