Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3359 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3359
Description  High performance, Current Source For Parallel White-LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3359 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3359 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LP3359
LP3359-datasheet
Ver.1.1
Nov.-2005
7
-7
Connecting outputs in parallel does not affect internal
operation of the LP3359 and has no impact on the Electrical
Characteristics and limits previously presented. The available
diode output current, maximum diode voltage, and all other
specifications provided in the Electrical Characteristics table
apply to parallel output configurations, just as they do to the
standard 4-LED application circuit.
Power Consumption
It is recommended that power consumed by the circuit (VIN
×
IIN) be evaluated rather than power efficiency. Figure 7 shows
the power consumption of the LP3359 Typical Application
Circuit.
Figure 7. 4LEDs, LED VF=2.7V, ILED=15mA Power Dissipation
The maximum allowable power dissipation that this
package is capable of handling can be determined as
follows:
Where T is the maximum junction temperature, T is the
ambient temperature, and θJA is the junction -to-ambient
thermal resistance of the specified package. The LP3359 come
in the DFN-8 package that has a junction-to-ambient thermal
resistance (θJA)equal to 50℃/W.This value of θJA is highly
dependant upon the layout of the PC board. The actual power
dissipated by the LP3359 follows the equation:
Where N equals the number of active outputs, VLEDX is the
LEDX LED forward voltage, and ILEDX is the current supplied
to the LEDX diode by the LP3359. Power dissipation must be
less than that allowed by the package. Please refer to the
Absolute Maximum Rating of the LP3359.
Input Capacitor Selection
The LP3359 is designed to run off of a fixed input voltage.
Depending on the stability and condition of this voltage rail, it
may be necessary to add a small input capacitor to help filter
out any noise that may be present on the line. In the event that
filtering is needed, surface mount multi-layer ceramic
capacitors are recommended. These capacitors are small and
inexpensive. A capacitance of 0.1µF is typically sufficient.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com