Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3359 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3359
Description  High performance, Current Source For Parallel White-LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3359 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3359 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LP3359
LP3359-datasheet
Ver.1.1
Nov.-2005
3
-3
Electrical Characteristics
(Limits in standard typeface and typical values apply for TA=25°C. Limits in boldface type apply over the operating junction temperature
range (-40°C~+85°C). Unless otherwise specified: VIN=5V, VLEDX=3.6V, RSET=7.5k, V(EN/PWM)=VIN.)
Symbol
Description
Conditions
Min
Typ
Max
Units
ILEDx
LED Current
3.0V ≤ VIN ≤ 5.5V 2.0V ≤ VLEDX ≤
(VIN-0.4V) RSET=7.5k
14.3
15.8
17.3
mA
ILEDX-MATCH
Current Matching Between
Any Two Outputs
±0.3
±1
%
VSET
ISET Pin Voltage
1.06
(-8%)
1.18
1.3
(+8%)
V
ILEDX/ISET
Output Current to Current
Set Ratio
100
ILED=95% × ILED(nom), RSET= 4.7K
(ILED(nom) approx. 25mA)
320
440
VHR
Current Source Headroom
Voltage
ILED=95% × ILED(nom), RSET= 12K
(ILED(nom) approx. 10mA)
130
220
mV
ILED=0mA, RSET=Open
175
285
IQ
Quiescent Supply Current
ILED=0mA, RSET=7.5k
325
uA
ISHUT-DOWN
Shutdown Supply Current
EN/PWM=0
0.01
1
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com