Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3359 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3359
Description  High performance, Current Source For Parallel White-LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3359 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3359 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LP3359
LP3359-datasheet
Ver.1.1
Nov.-2005
2
-2
Functional Pin Description
Pin Number
Pin Name
Pin Function
1
Vin
Input Voltage
2
GND
Power Ground.
3
EN/PWM
Active-High Enable Input – There is no internal pull-down resistor.
4
Iset
Current Set Input-The resistor value tied between this pin and ground sets the
output current.
5-8
LEDx
Current Source Outputs 1- 4 - Connect directly to LED’s
Function Block Diagram
Fig1.
LP3359 Block Diagram
Absolute Maximum Ratings
VIN ------------------------------------------------------------------------------------------------------------------0.3V to 6V max
EN/PWM-----------------------------------------------------------------------------------------0.3V to (VIN+0.3V) w/ 6 max
Continuous Power Dissipation ---------------------------------------------------------------------- Internally Limited
DFN-8L , 3 ×3,θJA -------------------------------------------------------------------------------------------------------- 50°C/W
TSSOP-8L , θJA ----------------------------------------------------------------------------------------------------------- 70°C/W
Junction Temperature (TJ ) ---------------------------------------------------------------------------------------------150°C
Storage Temperature Range ------------------------------------------------------------------------------ -65°C to 150°C
Lead Temp (Soldering, 5sec) ------------------------------------------------------------------------------------------ 260°C
ESD Rating Human Body Model -----------------------------------------------------------------------------------------2kV
Operating Conditions
Input Voltage (VIN) -------------------------------------------------------------------------------------------------- 3V to 5.5V
Ambient Temperature (TA) ---------------------------------------------------------------------------------- -40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com