Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3359 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3359
Description  High performance, Current Source For Parallel White-LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3359 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3359 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3359 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LP3359
LP3359-datasheet
Ver.1.1
Nov.-2005
1
-1
High performance, Current Source
For Parallel White-LED Driver
General Description
The LP3359 is a parallel white-LED driver with four
matched current outputs. It can supply a total output
current of 100mA over an input voltage range of 3.0V to
5.5V. The amount of constant current sourced to the
outputs is user selectable using one external sense
resistor. LP3359 typically draws 0.01µA when placed in
shutdown, and 180µA when operating in the no-load
condition. If any of the outputs are not used, leave the
pin(s) unconnected.
Brightness can be controlled by PWM techniques or by
adding a DC voltage. A PWM signal can be applied to
the EN/PWM pin to vary the perceived brightness of the
LED.
The LP3359 uses an active-high enable level. The
LP3359 is available in DFN-8 and TSSOP-8 package.
Ordering Information
LP3359 - □ □ □
F: PB-Free
Package
MS: MSOP-8
QV: DFN-8
Features
Regulated IOUT With ± 0.3% Matching Between
Constant Current Outputs
Drives One, Two, Three or Four White LED’s with
No Ballast Resistors
3.0V to 5.5V Input Voltage
Up to 100mA Output Current
Active-High Enable
Very Small Solution Size
Very Low Shutdown Current (0.01µA typical)
Available in DFN-8 ,TSSOP-8 Package
RoHS Compliant and 100% Lead(Pb)-Free
Applications
Cellular and Smart mobile phone
PDA/DSC
LCD Display
Typical Application Circuit
Pin Configurations
LP3359


Similar Part No. - LP3359

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
LP3351 POWER-LP3351 Datasheet
325Kb / 7P
PWM Dimming Control for LED Driver
LP3352 POWER-LP3352 Datasheet
398Kb / 10P
6-Channel LED Driver for Backlights
More results

Similar Description - LP3359

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3164 POWER-LP3164 Datasheet
131Kb / 5P
4-Channel Current Source White LED Driver
logo
Holtek Semiconductor In...
HT7939 HOLTEK-HT7939 Datasheet
714Kb / 13P
High Current and Performance White LED Driver
November 3, 2009
HT7938 HOLTEK-HT7938 Datasheet
469Kb / 11P
High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_10 Datasheet
320Kb / 13P
High Current and Performance White LED Driver
HT7938A HOLTEK-HT7938A_13 Datasheet
2Mb / 13P
High Current and Performance White LED Driver
HT7938 HOLTEK-HT7938_16 Datasheet
914Kb / 11P
High Current and Performance White LED Driver
June 25, 2016
HT7938A HOLTEK-HT7938A_16 Datasheet
1Mb / 12P
High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_16 Datasheet
2Mb / 12P
High Current and Performance White LED Driver
HT7939A HOLTEK-HT7939A_16 Datasheet
3Mb / 12P
High Current and Performance White LED Driver
logo
SG Micro Corp
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
White LED Driver with Low Dropout Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com