Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3202 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3202
Description  1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3202 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3202 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP3202
LP3202-01 datasheet
Oct.-2006
1
-1
1.5MHz, 650mA, High Efficiency Synchronous
PWM Step-Down DC/DC Convert
General Description
The LP3202 is a constant frequency, current mode,
PWM step-down converter. The device integrates a
main switch and a synchronous rectifier for high
efficiency. The 2.1V to 5.5V input voltage range
makes the LP3202 is ideally suited for portable
electronic devices that are powered from 1-cell
Li-ion battery or from other power sources within
the range such as cellular phones, PDAs and
handy-terminals.
Internal synchronous rectifier with low RDS(ON)
dramatically reduces conduction loss at PWM mode.
The
internal
synchronous
switch
increases
efficiency while eliminate the need for an external
Schottky diode.The switching ripple is easily
smoothed-out by small package filtering elements
due to a fixed operation frequency of 1.5MHz. This
along with small SOT-23-5 package provide small
PCB area application. Other features include soft
start, lower internal reference voltage with 2%
accuracy, over temperature protection, and over
current protection.
Ordering Information
LP3202
- □ □ □ □ □ □
F:Pb-free
Package Type
B5: SOT-23-5
Output Voltage:
12: 1.2V
18: 1.8V
25: 2.5V
28: 2.8V
33: 3.3v
Output Type:
A:Adjustable Output
Features
High Efficiency: 93%
1.5MHz Fixed-Frequency PWM Operation
Adjustable Output From 0.6V to VIN
1.2V, 1.5V, 1.8V, 2.5V, 2.8V and 3.3V Fixed
650mA Output Current, 1.1A Peak Current
No Schottky Diode Required
100% Duty Cycle Low Dropout Operation
Available in SOT23-5 Package
Short Circuit and Thermal Protection
Over Voltage Protection
Low than 1µA Shutdown Current
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA
DSC
Wireless Card
Pin Configurations
Marking Information
Please See website.


Similar Part No. - LP3202

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-12B5F POWER-LP3201-12B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-18B5F POWER-LP3201-18B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-33B5F POWER-LP3201-33B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201AB5F POWER-LP3201AB5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results

Similar Description - LP3202

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3204 POWER-LP3204 Datasheet
761Kb / 11P
1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3205 POWER-LP3205 Datasheet
358Kb / 10P
1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com